Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA5250 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HFA5250
Description  500MHz, Ultra High Speed Monolithic Pin Driver
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HFA5250 Datasheet(HTML) 4 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
8-110
Die Characteristics
DIE DIMENSIONS:
1990
µm x 1530µm x 525µm
PASSIVATION:
Nitride, 4k
Å ±0.5kÅ
METALLIZATION:
Type: Metal 1: AlCu(2%)/TiW
Thickness: Metal 1: 8k
Å ±0.4kÅ
Type: Metal 2: AlCu(2%)
Thickness: Metal 2: 16k
Å ±0.8kÅ
Metallization Mask Layout
HFA5250
(1) (2)
VHIGH
DATA (4)
DATA (6)
HIZ (9)
HIZ (11)
(13) (14)
VLOW
VEE1
(15) (16)
(22)
(20)
(24)
(28) (27)
(19)
(23)
VCC1
(21)
VCC2
VOUT
VEE2
HFA5250


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn