Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA5250 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HFA5250
Description  500MHz, Ultra High Speed Monolithic Pin Driver
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HFA5250 Datasheet(HTML) 3 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
8-109
Propagation Delay vs Duty Cycle
2.5% to 97.5%, 200ns Period
25
-
±100
-
ps
Active to HiZ Delay
Measured 50% to 10%
Points
25
-
3.0
-
ns
HiZ to Active Delay
Measured 50% to 10%
Points
25
-
3.5
-
ns
Data Rate
1VP-P, 50% Duty Cycle,
90% Amplitude
25
-
500
-
MHz
TRANSIENT RESPONSE (ZLOAD = 16 Inches of RG-58 Terminated with 5pF)
Slew Rate
-1V to +6V
25
-
2500
-
V/
µs
Rise/Fall Time
1VP-P, 20%-80%
25
-
600
-
ps
Rise/Fall Time
3VP-P, 10%-90%
25
-
1.2
-
ns
Rise/Fall Time
5VP-P, 10%-90%
25
-
1.8
2.25
ns
Rise/Fall Time Match
Note 3
25
-
-
200
ps
Overshoot/Undershoot/Preshoot
3VP-P
25
-
5
-
%
Data Settling Time 1%
Note 4
25
-
7
-
ns
VHIGH/VLOW Settling Time 1%
Note 4
25
-
12
-
ns
OUTPUT CHARACTERISTICS
Output Voltage Swing, No Load
Note 6
25
-2
-
7
V
25
VEE+3.2
-
VCC-3.0
V
Output Voltage Swing
RL = 50Ω
25
-1
-
3.5
V
Output Resistance
Active (-2V to 7V)
25
49
50
51
Output Resistance
HiZ (-2V to 7V)
25
-
10
-
M
HiZ Output Voltage Compliance
Note 6
25
-2
-
7
V
25
VCC-
12.0
-VEE+
12.2
V
Output Leakage
HiZ (-2V to 7V)
25
-1
-
1
µA
Output Capacitance
HiZ
25
-
5
-
pF
POWER SUPPLY CHARACTERISTICS
VHIGH Power Supply Rejection Ratio (Note 5)
25
28
-
-
dB
VLOW Power Supply Rejection Ratio (Note 5)
25
28
-
-
dB
Data/HiZ Power Supply Rejection Ratio
25
-
22
-
dB
Total Supply Current
25
85
90
95
mA
ICC1/IEE1 Supply Current
25
-
65
-
mA
ICC2/IEE2 Supply Current
25
-
25
-
mA
Supply Voltage Range
VCC - VEE
25
10
-
15.2
V
Power Dissipation
VCC = 10V, VEE = -5.2V, No
Load
25
-
-
1.44
W
NOTES:
3. 3V Step, 50% duty cycle, 200ns period.
4. 3V Step, measured from 50% of input to
±1% of final value, final value is at 50ns.
5. VHIGH = 2.6V, VLOW = 2.4V, VCC = 9V to 10V, VEE = -4.2V to -5.2V.
6. Operation above total supply voltage of 15.2V is not recommended. See specification under Power Supply Characteristics.
Electrical Specifications VCC = +10V, VEE = -5.2V, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP. (oC)
MIN
TYP
MAX
UNITS
HFA5250


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn