Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA1106 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. HFA1106
Description  315MHz, Low Power, Video Operational Amplifier with Compensation Pin
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HFA1106 Datasheet(HTML) 2 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
3-29
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V
Output Current (Note 1) . . . . . . . . . . . . . . . . Short Circuit Protected
30mA Continuous
60mA
≤ 50% Duty Cycle
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >600V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 2)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
130
SOIC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
170
Maximum Junction Temperature (Die Only) . . . . . . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s). . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Output is short circuit protected to ground. Brief short circuits to ground will not degrade reliability; however, continuous (100% duty cycle)
output current must not exceed 30mA for maximum reliability.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = ±5V, AV = +1, RF = 510Ω, CCOMP = 0pF, RL = 100Ω, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Input Offset Voltage
A
25
-
2
5
mV
AFull
-
3
8
mV
Average Input Offset Voltage Drift
B
Full
-
1
10
µV/oC
Input Offset Voltage Common-Mode
Rejection Ratio
∆VCM = ±1.8V
A
25
47
50
-
dB
∆VCM = ±1.8V
A
85
45
48
-
dB
∆VCM = ±1.2V
A
-40
45
48
-
dB
Input Offset Voltage Power Supply
Rejection Ratio
∆VPS = ±1.8V
A
25
50
54
-
dB
∆VPS = ±1.8V
A
85
47
50
-
dB
∆VPS = ±1.2V
A
-40
47
50
-
dB
Non-Inverting Input Bias Current
A
25
-
6
15
µA
A
Full
-
10
25
µA
Non-Inverting Input Bias Current Drift
B
Full
-
5
60
nA/oC
Non-Inverting Input Bias Current
Power Supply Sensitivity
∆VPS = ±1.8V
A
25
-
0.5
1
µA/V
∆VPS = ±1.8V
A
85
-
0.8
3
µA/V
∆VPS = ±1.2V
A
-40
-
0.8
3
µA/V
Non-Inverting Input Resistance
∆VCM = ±1.8V
A
25
0.8
1.2
-
M
∆VCM = ±1.8V
A
85
0.5
0.8
-
M
∆VCM = ±1.2V
A
-40
0.5
0.8
-
M
Inverting Input Bias Current
A
25
-
2
7.5
µA
AFull
-
5
15
µA
Inverting Input Bias Current Drift
B
Full
-
60
200
nA/oC
Inverting Input Bias Current
Common-Mode Sensitivity
∆VCM = ±1.8V
A
25
-
3
6
µA/V
∆VCM = ±1.8V
A
85
-
4
8
µA/V
∆VCM = ±1.2V
A
-40
-
4
8
µA/V
Inverting Input Bias Current Power
Supply Sensitivity
∆VPS = ±1.8V
A
25
-
2
5
µA/V
∆VPS = ±1.8V
A
85
-
4
8
µA/V
∆VPS = ±1.2V
A
-40
-
4
8
µA/V
HFA1106


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn