Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA1106 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HFA1106
Description  315MHz, Low Power, Video Operational Amplifier with Compensation Pin
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HFA1106 Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3-30
Inverting Input Resistance
C
25
-
60
-
Input Capacitance
C
25
-
1.6
-
pF
Input Voltage Common Mode Range
(Implied by VIO CMRR, +RIN, and -IBIAS
CMS Tests)
A
25, 85
±1.8
±2.4
-
V
A-40
±1.2
±1.7
-
V
Input Noise Voltage Density
f = 100kHz
B
25
-
3.5
-
nV/
√Hz
Non-Inverting Input Noise Current Density f = 100kHz
B
25
-
2.5
-
pA/
√Hz
Inverting Input Noise Current Density
f = 100kHz
B
25
-
20
-
pA/
√Hz
TRANSFER CHARACTERISTICS
Open Loop Transimpedance Gain
AV = -1
C
25
-
500
-
k
AC CHARACTERISTICS
AV = +2, RF = 100Ω, RCOMP = 51Ω, Unless Otherwise Specified
-3dB Bandwidth
(AV = +1, RF = 150Ω, VOUT = 0.2VP-P)
CC = 0pF
B
25
250
315
-
MHz
CC = 2pF
B
25
140
170
-
MHz
CC = 5pF
B
25
65
80
-
MHz
-3dB Bandwidth
(AV = +2, VOUT = 0.2VP-P)
CC = 0pF
B
25
185
245
-
MHz
CC = 2pF
B
25
110
140
-
MHz
CC = 5pF
B
25
55
70
-
MHz
±0.1dB Flat Bandwidth
(AV = +1, RF = 150Ω, VOUT = 0.2VP-P)
CC = 0pF
B
25
45
65
-
MHz
CC = 2pF
B
25
25
40
-
MHz
CC = 5pF
B
25
13
17
-
MHz
±0.1dB Flat Bandwidth
(AV = +2, VOUT = 0.2VP-P)
CC = 0pF
B
25
60
100
-
MHz
CC = 2pF
B
25
15
30
-
MHz
CC = 5pF
B
25
11
14
-
MHz
Minimum Stable Gain
A
Full
1
-
-
V/V
OUTPUT CHARACTERISTICS
AV = +2, RF = 100Ω, RCOMP = 51Ω, Unless Otherwise Specified
Output Voltage Swing
AV = -1, RF = 510Ω
A25
±3
±3.4
-
V
AFull
±2.8
±3-
V
Output Current
AV = -1, RL = 50Ω,
RF = 510Ω
A
25, 85
50
60
-
mA
A
-40
28
42
-
mA
Closed Loop Output Impedance
DC
B
25
-
0.07
-
Output Short Circuit Current
AV = -1
B
25
-
90
-
mA
Second Harmonic Distortion
(10MHz, VOUT = 2VP-P)
CC = 0pF
B
25
-45
-53
-
dBc
CC = 2pF
B
25
-42
-48
-
dBc
CC = 5pF
B
25
-38
-44
-
dBc
Third Harmonic Distortion
(10MHz, VOUT = 2VP-P)
CC = 0pF
B
25
-50
-57
-
dBc
CC = 2pF
B
25
-48
-56
-
dBc
CC = 5pF
B
25
-48
-56
-
dBc
Second Harmonic Distortion
(20MHz, VOUT = 2VP-P)
CC = 0pF
B
25
-42
-46
-
dBc
CC = 2pF
B
25
-38
-42
-
dBc
CC = 5pF
B
25
-34
-38
-
dBc
Third Harmonic Distortion
(20MHz, VOUT = 2VP-P)
CC = 0pF
B
25
-46
-57
-
dBc
CC = 2pF
B
25
-52
-57
-
dBc
CC = 5pF
B
25
-50
-57
-
dBc
Electrical Specifications
VSUPPLY = ±5V, AV = +1, RF = 510Ω, CCOMP = 0pF, RL = 100Ω, Unless Otherwise Specified (Contin-
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
HFA1106


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn