Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD-6409883 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HD-6409883
Description  CMOS Manchester Encoder-Decoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HD-6409883 Datasheet(HTML) 7 Page - Intersil Corporation

  HD-6409883 Datasheet HTML 1Page - Intersil Corporation HD-6409883 Datasheet HTML 2Page - Intersil Corporation HD-6409883 Datasheet HTML 3Page - Intersil Corporation HD-6409883 Datasheet HTML 4Page - Intersil Corporation HD-6409883 Datasheet HTML 5Page - Intersil Corporation HD-6409883 Datasheet HTML 6Page - Intersil Corporation HD-6409883 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
141
Die Characteristics
DIE DIMENSIONS:
88 x 78 x 19
±1mils
METALLIZATION:
Type: Silicon - Aluminum
Thickness: Metal 1: 8k
Å
±1kÅ
Metal 2
: 16kÅ
±1kÅ
GLASSIVATION:
Type: Si3N4
• SiOX
Thickness: 10k
Å
±2kÅ
WORST CASE CURRENT DENSITY:
0.8 x 105 A/cm2
Metallization Mask Layout
HD-6409/883
UDI
BOI
BZI
VCC
BOO
SD/CDS
SDO
SRST
NVM
DCLK
RST
GND
CO
IX
OX
MS
CTS
ECLK
SS
BZO
HD-6409/883


Similar Part No. - HD-6409883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
HD-6409 INTERSIL-HD-6409 Datasheet
269Kb / 14P
   CMOS Manchester Encoder-Decoder
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
More results

Similar Description - HD-6409883

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Aeroflex Circuit Techno...
ACT15530 AEROFLEX-ACT15530 Datasheet
131Kb / 15P
   CMOS Manchester Encoder / Decoder
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com