Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9163401MPA Datasheet(PDF) 6 Page - Intersil Corporation

Part # 5962-9163401MPA
Description  Low Noise, Wideband, Precision Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962-9163401MPA Datasheet(HTML) 6 Page - Intersil Corporation

Back Button 5962-9163401MPA Datasheet HTML 2Page - Intersil Corporation 5962-9163401MPA Datasheet HTML 3Page - Intersil Corporation 5962-9163401MPA Datasheet HTML 4Page - Intersil Corporation 5962-9163401MPA Datasheet HTML 5Page - Intersil Corporation 5962-9163401MPA Datasheet HTML 6Page - Intersil Corporation 5962-9163401MPA Datasheet HTML 7Page - Intersil Corporation 5962-9163401MPA Datasheet HTML 8Page - Intersil Corporation 5962-9163401MPA Datasheet HTML 9Page - Intersil Corporation 5962-9163401MPA Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Intersil Corporation and is for use as application
and design information only. No guarantee is implied.
6
HA-5221
Typical Performance Curves Unless Otherwise Specified: T
A = +25
oC, V
SUPPLY = ±15V
SUPPLY CURRENT vs TEMPERATURE
TYPICAL PERFORMANCE CHARACTERISTICS
Device Characterized at: Supply Voltage =
±15V, R
L = 1kΩ, CL = 50pF, Unless Otherwise Specified
PARAMETERS
CONDITIONS
TEMPERATURE
TYPICAL
UNITS
Input Offset Voltage
See Table 1
+25
oC0.3
mV
Full
0.35
mV
Average Offset Voltage Drift
See Table 1
Full
0.5
µV/oC
Input Bias Current
See Table 1
+25
oC40
nA
Full
70
nA
Input Offset Current
See Table 1
+25
oC15
nA
Full
30
nA
Differential Input Resistance
See Table 1
+25
oC70
k
Input Noise Voltage
fO = 0.1Hz to 10Hz
+25
oC0.25
µV
P-P
Input Noise Voltage Density
fO = 10Hz
+25
oC10
nV/
√Hz
fO = 100Hz
+25
oC5
nV/
√Hz
fO = 1kHz
+25
oC3.6
nV/
√Hz
Input Noise Current Density
fO = 10Hz
+25
oC7
pA/
√Hz
fO = 100Hz
+25
oC3
pA/
√Hz
fO = 1kHz
+25
oC1.4
pA/
√Hz
THD & N
See Note 1
+25
oC0.005
%
Large Signal Voltage Gain
VOUT = 0V to ±10V
+25
oC128
dB
Full
120
dB


Similar Part No. - 5962-9163401MPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9163901M2A TI1-5962-9163901M2A Datasheet
1Mb / 33P
[Old version datasheet]   AM26C31 Quadruple Differential Line Driver
5962-9163901MEA TI1-5962-9163901MEA Datasheet
1Mb / 33P
[Old version datasheet]   AM26C31 Quadruple Differential Line Driver
5962-9163901MFA TI1-5962-9163901MFA Datasheet
1Mb / 33P
[Old version datasheet]   AM26C31 Quadruple Differential Line Driver
5962-9163901Q2A TI-5962-9163901Q2A Datasheet
608Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
5962-9163901Q2A TI1-5962-9163901Q2A Datasheet
1Mb / 33P
[Old version datasheet]   AM26C31 Quadruple Differential Line Driver
More results

Similar Description - 5962-9163401MPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA621 BURR-BROWN-OPA621 Datasheet
193Kb / 16P
   Wideband Precision OPERATIONAL AMPLIFIER
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
[Old version datasheet]   Ultra Low Noise Wideband Operational Amplifier
logo
Analog Devices
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com