Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HA-5320883 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HA-5320883
Description  High Speed Precision Sample and Hold Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HA-5320883 Datasheet(HTML) 6 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
HA-5320/883
Burn-In Circuits
HA-5320/883 DIP BURN-IN/LIFE TEST CIRCUIT
NOTES:
1. R1 = 100kΩ, 5%, (per socket).
2. C1, C2 = 0.01µF minimum per socket or 0.1µF minimum per row.
3. D1, D2 = 1N4002 or equivalent (per board).
4. +V = +15.5V
±0.5V, -V = -15.5V ± 0.5V.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
R1
-V
D2
C2
+V
D1
C1
Spec Number
511096-883


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn