Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HA-5320883 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HA-5320883
Description  High Speed Precision Sample and Hold Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HA-5320883 Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
HA-5320/883
Output Voltage Swing
+VOP
RL = 1kΩ
1+25oC10
-
V
2, 3
+125oC, -55oC10
-
V
-VOP
RL = 1kΩ
1+25oC-
-10
V
2, 3
+125oC, -55oC-
-10
V
Power Supply Current
+ICC
VOUT = 0V, IOUT = 0mA
1
+25oC-
13
mA
2, 3
+125oC, -55oC-
13
mA
-ICC
VOUT = 0V, IOUT = 0mA
1
+25oC-13
-
mA
2, 3
+125oC, -55oC-13
-
mA
Power Supply Rejection
Ratio
+PSRR
V+ = 14.5V, 15.5V
V- = -15V, -15V
1+25oC80
-
dB
2, 3
+125oC, -55oC80
-
dB
-PSRR
V+ = +15V, +15V,
V- = -14.5V, -15.5V
1+25oC65
-
dB
2, 3
+125oC, -55oC65
-
dB
Digital Input Current
IINL
VIN = 0V
1
+25oC-
4
µA
2, 3
+125oC, -55oC-
10
µA
IINH
VIN = 5V
1
+25oC-
0.1
µA
2, 3
+125oC, -55oC-
0.1
µA
Digital Input Voltage
VIL
1+25oC-
0.8
V
2, 3
+125oC, -55oC-
0.8
V
VIH
1+25oC2.0
-
V
2, 3
+125oC, -55oC2.0
-
V
Output Voltage Droop
Rate
VD
VOUT = 0V
2
+125oC
-
100
µV/µs
NOTE:
1. Internal power dissipation may limit output current below 20mA.
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
Table 2 Intentionally Left Blank. See AC Specifications in Table 3.
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
Device Tested at: V+ = +15V; V- = -15V; VIL = 0.8V (Sample); VIH = 2.0V (Hold); CH = Internal = 100pF; Signal GND = Supply GND,
Unless Otherwise Specified
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUP
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CAUTION: These devices are sensitive to electronic discharge. Proper IC handling procedures should be followed.
Spec Number
511096-883


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn