Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2541883 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA-2541883
Description  Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2541883 Datasheet(HTML) 1 Page - Intersil Corporation

  HA-2541883 Datasheet HTML 1Page - Intersil Corporation HA-2541883 Datasheet HTML 2Page - Intersil Corporation HA-2541883 Datasheet HTML 3Page - Intersil Corporation HA-2541883 Datasheet HTML 4Page - Intersil Corporation HA-2541883 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3-28
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
HA-2541/883
Wideband, Fast Settling,
Unity Gain Stable, Operational Amplifier
Description
The HA-2541/883 is the first unity gain stable monolithic
operational amplifier to achieve 40MHz unity gain band-
width. A major addition to the Intersil series of high speed,
wideband op amps, the HA-2541/883 is designed for video
and pulse applications requiring stable amplifier response at
low closed loop gains.
The uniqueness of the HA-2541/883 is that its slew rate and
bandwidth characteristics are specified at unity gain. Histori-
cally, high slew rate, wide bandwidth and unity gain stability
have been incompatible features for a monolithic operational
amplifier. But features such as 250V/
µs slew rate and
40MHz unity gain bandwidth clearly show that this is not the
case for the HA-2541/883. These features, along with 90ns
settling time to 0.1%, make this product an excellent choice
for high speed data acquisition systems.
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
HA2-2541/883
-55oC to +125oC
12 Pin Can
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Unity Gain Bandwidth . . . . . . . . . . . . . . . . 40MHz (Min)
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . 200V/
µs (Min)
250V/
µs (Typ)
• Low Offset Voltage. . . . . . . . . . . . . . . . . . . . . 2mV (Max)
• Fast Settling Time (0.1%) . . . . . . . . . . . . . . . 90ns (Typ)
• Power Bandwidth. . . . . . . . . . . . . . . . . . . . . 3MHz (Min)
4MHz (Typ)
• Output Voltage Swing . . . . . . . . . . . . . . . . . .
±10V (Min)
• Unity Gain Stability
• Monolithic Bipolar Dielectric Isolation Construction
Applications
• Pulse and Video Amplifiers
• Wideband Amplifiers
• High Speed Sample and Hold Circuits
• Fast, Precise D/A Converters
• High Speed A/D Input Buffer
July 1994
Spec Number
511026-883
File Number
3698
Pinout
HA-2541/883
(METAL CAN)
TOP VIEW
NC
+IN
12
1
2
3
4
11
10
9
8
7
6
5
V+
OUTPUT
V-
NC
NC
NC
BAL
BAL
NC
-IN
+
-
CASE TIED TO V-


Similar Part No. - HA-2541883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2541 INTERSIL-HA-2541 Datasheet
481Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
September 1998
HA-2541 INTERSIL-HA-2541 Datasheet
459Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
HA-2541 INTERSIL-HA-2541_04 Datasheet
459Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
More results

Similar Description - HA-2541883

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
logo
Intersil Corporation
HA-2841 INTERSIL-HA-2841 Datasheet
272Kb / 13P
   Wideband, Fast Settling, Unity Gain Stable, Video Operational Amplifier
July 1994
HA-2541 INTERSIL-HA-2541_04 Datasheet
459Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
HA-2541 INTERSIL-HA-2541 Datasheet
481Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
September 1998
HA-2841 INTERSIL-HA-2841_03 Datasheet
450Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
logo
Renesas Technology Corp
HA-2841 RENESAS-HA-2841 Datasheet
588Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
AD841 AD-AD841_15 Datasheet
338Kb / 16P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
AD841 AD-AD841_17 Datasheet
377Kb / 17P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com