Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2444883 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA-2444883
Description  Selectable, Four Channel Video Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2444883 Datasheet(HTML) 4 Page - Intersil Corporation

  HA-2444883 Datasheet HTML 1Page - Intersil Corporation HA-2444883 Datasheet HTML 2Page - Intersil Corporation HA-2444883 Datasheet HTML 3Page - Intersil Corporation HA-2444883 Datasheet HTML 4Page - Intersil Corporation HA-2444883 Datasheet HTML 5Page - Intersil Corporation HA-2444883 Datasheet HTML 6Page - Intersil Corporation HA-2444883 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3-4
Specifications HA-2444/883
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Characterized at: VSUPPLY = ±15V, RSOURCE = 50Ω, RLOAD = 1kΩ, CL ≤10pF, AVCL = 1V/V, VIL = 0.8V, VIH = 2.4V,
Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Rise Time
TR
VOUT = 0V to +200mV
1, 4
+25oC
-
11
ns
1, 4
-55oC, +125oC
-
12
ns
Fall Time
TF
VOUT = 0V to -200mV
1, 4
+25oC
-
11
ns
1, 4
-55oC, +125oC
-
12
ns
Overshoot
+OS
VOUT = 0V to +200mV
1
+25oC
-
15
%
1
-55oC, +125oC
-
30
%
-OS
VOUT = 0V to -200mV
1
+25oC
-
15
%
1
-55oC, +125oC
-
30
%
Full Power Bandwidth
FPBW
VPEAK = 5V
1, 2
+25oC
3.8
-
MHz
1, 2
-55oC, +125oC
3.8
-
MHz
Minimum Closed Loop
Stable Gain
CLSG
1
+25oC
1
-
V/V
1
-55oC, +125oC
1
-
V/V
Quiescent Power
Consumption
PC
VOUT = 0V, IOUT = 0mA
1, 3
+25oC
-
750
mW
1, 3
-55oC, +125oC
-
750
mW
NOTES:
1. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These param-
eters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characterization
based upon data from multiple production runs which reflect lot to lot and within lot variation.
2. Full Power Bandwidth guarantee based on Slew Rate measurement using FPBW = Slew Rate/(2
πV
PEAK).
3. Power Consumption based upon Quiescent Supply Current test maximum. (No load on outputs.)
4. Measured between 10% and 90% points.
TABLE 4. ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUPS (SEE TABLES 1 AND 2)
Interim Electrical Parameters (Pre Burn-In)
1
Final Electrical Test Parameters
1 (Note 1), 2, 3, 4, 5, 6, 7, 8, 9, 10, 11
Group A Test Requirements
1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 11
Groups C and D Endpoints
1
NOTE:
1. PDA applies to Subgroup 1 only.
Spec Number
511091-883


Similar Part No. - HA-2444883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2444 INTERSIL-HA-2444 Datasheet
544Kb / 6P
   50MHz, Selectable, Four Channel Video Operational Amplifier
More results

Similar Description - HA-2444883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2444 INTERSIL-HA-2444 Datasheet
544Kb / 6P
   50MHz, Selectable, Four Channel Video Operational Amplifier
logo
Renesas Technology Corp
HA-2406 RENESAS-HA-2406 Datasheet
511Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
logo
Intersil Corporation
HA-2406 INTERSIL-HA-2406 Datasheet
103Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
April 1999
HA-2406 INTERSIL-HA-2406_02 Datasheet
336Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
logo
Wuxi Youda electronics ...
YD324 YOUDA-YD324 Datasheet
94Kb / 4P
   FOUR OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NCS2564DTBGEVB ONSEMI-NCS2564DTBGEVB Datasheet
222Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2011 ??Rev. 6
NCS2564 ONSEMI-NCS2564 Datasheet
220Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2010 ??Rev. 5
logo
Intersil Corporation
HA-2544883 INTERSIL-HA-2544883 Datasheet
44Kb / 5P
   Video Operational Amplifier
logo
Maxim Integrated Produc...
MAX404 MAXIM-MAX404 Datasheet
239Kb / 8P
   Video Operational Amplifier
Rev 0; 7/91
logo
Intersil Corporation
HA-2544 INTERSIL-HA-2544 Datasheet
853Kb / 11P
   50MHz, Video Operational Amplifier
April 1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com