Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA7-2529-5 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA7-2529-5
Description  20MHz, High Input Impedance, High Slew Rate Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7-2529-5 Datasheet(HTML) 7 Page - Intersil Corporation

  HA7-2529-5 Datasheet HTML 1Page - Intersil Corporation HA7-2529-5 Datasheet HTML 2Page - Intersil Corporation HA7-2529-5 Datasheet HTML 3Page - Intersil Corporation HA7-2529-5 Datasheet HTML 4Page - Intersil Corporation HA7-2529-5 Datasheet HTML 5Page - Intersil Corporation HA7-2529-5 Datasheet HTML 6Page - Intersil Corporation HA7-2529-5 Datasheet HTML 7Page - Intersil Corporation HA7-2529-5 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FIGURE 16. OPEN LOOP FREQUENCY RESPONSE FOR
VARIOUS VALUES OF CAPACITORS FROM COMP
PIN TO GROUND
FIGURE 17. INPUT NOISE CHARACTERISTICS
FIGURE 18. OUTPUT VOLTAGE SWING vs FREQUENCY
FIGURE 19. NORMALIZED AC PARAMETERS vs SUPPLY
VOLTAGE
Typical Performance Curves
VSUPPLY = ±15V (Continued)
FREQUENCY (Hz)
80
60
40
20
0
100
10K
100K
1M
10M
100M
1K
100
-20
0pF
10pF
30pF
50pF
100pF
300pF
1
10
100
1K
10K
100K
FREQUENCY (Hz)
1000
100
10
1
500
50
5
INPUT NOISE VOLTAGE
INPUT NOISE CURRENT
100
10
0.5
0.1
50
5
1
10K
100K
1M
10M
FREQUENCY (Hz)
35
30
25
20
15
10
5
0
VSUPPLY = ±20V
VSUPPLY = ±10V
VSUPPLY = ±15V
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
RL = 2kΩ
CL = 50pF, TA = 25
oC
BANDWIDTH
POSITIVE
SLEW RATE
NEGATIVE
SLEW RATE
SUPPLY VOLTAGE (
±V)
20
5
7
9
1113
15
1719
HA-2529


Similar Part No. - HA7-2529-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA7-2529/883 INTERSIL-HA7-2529/883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
More results

Similar Description - HA7-2529-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
   High Slew Rate Operational Amplifier
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com