Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1-2547-5 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA1-2547-5
Description  100MHz, Two Quadrant, Current Output, Analog Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA1-2547-5 Datasheet(HTML) 1 Page - Intersil Corporation

  HA1-2547-5 Datasheet HTML 1Page - Intersil Corporation HA1-2547-5 Datasheet HTML 2Page - Intersil Corporation HA1-2547-5 Datasheet HTML 3Page - Intersil Corporation HA1-2547-5 Datasheet HTML 4Page - Intersil Corporation HA1-2547-5 Datasheet HTML 5Page - Intersil Corporation HA1-2547-5 Datasheet HTML 6Page - Intersil Corporation HA1-2547-5 Datasheet HTML 7Page - Intersil Corporation HA1-2547-5 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
HA-2547
100MHz, Two Quadrant,
Current Output, Analog Multiplier
The HA-2547 is a monolithic, high speed, two quadrant,
analog multiplier constructed in Intersil’s Dielectrically
Isolated High Frequency Process. The high frequency
performance of the HA-2547 rivals the best analog
multipliers currently available including hybrids.
The single-ended current output of the HA-2547 has a
100MHz signal bandwidth (RL = 50Ω) and a 22MHz control
input bandwidth. High bandwidth and low distortion make this
part an ideal component in video systems. The suitability for
precision video applications is demonstrated further by low
multiplication error (1.6%), low feedthrough (-50dB), and
differential inputs with low bias currents (1.2
µA). The HA-2547
is also well suited for mixer circuits as well as AGC
applications for sonar, radar, and medical imaging equipment.
The current output of the HA-2547 allows it to achieve higher
bandwidths than voltage output multipliers. An internal
feedback resistor is provided to give an accurate current-to-
voltage conversion and is trimmed to give a full scale output
voltage of
±5V. The HA-2547 is not limited to multiplication
applications only; frequency doubling and power detection
are also possible.
Features
• Low Multiplication Error . . . . . . . . . . . . . . . . . . . . . . . 1.6%
• Input Bias Currents . . . . . . . . . . . . . . . . . . . . . . . . . 1.2
µA
• Signal Input Feedthrough at 5MHz . . . . . . . . . . . . . -50dB
• Wide Signal Bandwidth . . . . . . . . . . . . . . . . . . . . 100MHz
• Wide Control Bandwidth. . . . . . . . . . . . . . . . . . . . . 22MHz
Applications
• Military Avionics
• Missile Guidance Systems
• Medical Imaging Displays
• Video Mixers
• Sonar AGC Processors
• Radar Signal Conditioning
• Voltage Controlled Amplifier
• Vector Generator
Pinout
HA-2547, (CERDIP)
TOP VIEW
Schematic
Part Number Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA1-2547-5
0 to 75
16 Ld CERDIP
F16.3
HA1-2547-9
-40 to 85
16 Ld CERDIP
F16.3
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
REF
GND
V-
IOUT
VYIOB
VYIOA
VY+
GA A
GA C
GA B
V+
VX-
NC
RZ
VX+
X
VREF
VY-
14
VBIAS
VX-
GA A
GA B
GA C
GND
VYIOA
VYIOB
VX+
VY+
V+
VREF
VBIAS
RZ
VOUT
VY-
+
-
+
-
+
-
V-
September 1998
File Number 2862.3
OBSO
LETE
PROD
UCT
See H
A-254
6
conta
ct ou
r Tec
hnica
l Sup
port C
enter
at
1-888
-INTE
RSIL
or ww
w.inte
rsil.c
om/ts
c


Similar Part No. - HA1-2547-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-2540-2 INTERSIL-HA1-2540-2 Datasheet
518Kb / 7P
   400MHz, Fast Settling Operational Amplifier
September 1998
HA1-2540-5 INTERSIL-HA1-2540-5 Datasheet
518Kb / 7P
   400MHz, Fast Settling Operational Amplifier
September 1998
HA1-2540-5 INTERSIL-HA1-2540-5 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Renesas Technology Corp
HA1-2540-5 RENESAS-HA1-2540-5 Datasheet
652Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Intersil Corporation
HA1-2541-5 INTERSIL-HA1-2541-5 Datasheet
481Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
September 1998
More results

Similar Description - HA1-2547-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2546 INTERSIL-HA-2546_04 Datasheet
827Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
HA-2546 INTERSIL-HA-2546 Datasheet
641Kb / 14P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
September 1998
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
logo
Renesas Technology Corp
HA-2546 RENESAS-HA-2546 Datasheet
835Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
logo
Intersil Corporation
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
   57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com