Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2515 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA-2515
Description  12MHz, High Input Impedance, Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2515 Datasheet(HTML) 5 Page - Intersil Corporation

  HA-2515 Datasheet HTML 1Page - Intersil Corporation HA-2515 Datasheet HTML 2Page - Intersil Corporation HA-2515 Datasheet HTML 3Page - Intersil Corporation HA-2515 Datasheet HTML 4Page - Intersil Corporation HA-2515 Datasheet HTML 5Page - Intersil Corporation HA-2515 Datasheet HTML 6Page - Intersil Corporation HA-2515 Datasheet HTML 7Page - Intersil Corporation HA-2515 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Typical Performance Curves
FIGURE 7. POWER SUPPLY CURRENT vs TEMPERATURE
FIGURE 8. INPUT BIAS AND OFFSET CURRENT vs
TEMPERATURE
FIGURE 9. EQUIVALENT INPUT NOISE vs BANDWIDTH
(WITH 10Hz HIGH PASS FILTER)
FIGURE 10. NORMALIZED AC PARAMETERS vs
TEMPERATURE
FIGURE 11. OPEN LOOP GAIN AND PHASE RESPONSE
FIGURE 12. NORMALIZED AC PARAMETERS vs SUPPLY
VOLTAGE AT 25oC
TEMPERATURE (oC)
-50
-25
0
25
50
75
100
125
3.2
3.4
3.6
3.8
4.0
4.2
4.4
VSUPPLY = ±20V
VSUPPLY = ±15V
VSUPPLY = ±10V
TEMPERATURE (oC)
-20
0
20
40
60
80
100
BIAS CURRENT
OFFSET CURRENT
-50
-25
0
25
50
75
100
125
FREQUENCY (Hz)
100
10
1.0
0.1
100Hz
1kHz
10kHz
100kHz
1MHz
THERMAL NOISE
OF 10K RESISTOR
10K SOURCE RESISTANCE
0K SOURCE RESISTANCE
TEMPERATURE (oC)
0.8
0.9
1.0
1.1
BANDWIDTH
SLEW RATE
-50
-25
0
25
50
75
100
125
BANDWIDTH
SLEW RATE
FREQUENCY (Hz)
120
0
100
10K
1M
10M
100M
100
80
60
40
20
-20
10
100K
1K
180
30
60
90
120
150
PHASE
GAIN
0
SUPPLY VOLTAGE (V)
0.8
0.9
1.0
1.1
BANDWIDTH
SLEW RATE
±20
BANDWIDTH
SLEW RATE
±15
±10
HA-2515


Similar Part No. - HA-2515

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-2515 RENESAS-HA-2515 Datasheet
489Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
May 2003
More results

Similar Description - HA-2515

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-2505 RENESAS-HA-2505 Datasheet
481Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2505 INTERSIL-HA-2505_03 Datasheet
328Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
logo
Renesas Technology Corp
HA-2515 RENESAS-HA-2515 Datasheet
489Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
May 2003
HA-2600 RENESAS-HA-2600 Datasheet
381Kb / 9P
   12MHz, High Input Impedance Operational Amplifier
January 16, 2006
logo
Intersil Corporation
HA-2505 INTERSIL-HA-2505 Datasheet
93Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
May 1999
HA-2600 INTERSIL-HA-2600_06 Datasheet
318Kb / 9P
   12MHz, High Input Impedance Operational Amplifier
HA-2600 INTERSIL-HA-2600 Datasheet
110Kb / 7P
   12MHz, High Input Impedance Operational Amplifiers
September 1998
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com