Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1GT04 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74VHC1GT04
Description  Inverting Buffer/CMOS Logic Level Shifter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1GT04 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHC1GT04 Datasheet HTML 1Page - ON Semiconductor MC74VHC1GT04 Datasheet HTML 2Page - ON Semiconductor MC74VHC1GT04 Datasheet HTML 3Page - ON Semiconductor MC74VHC1GT04 Datasheet HTML 4Page - ON Semiconductor MC74VHC1GT04 Datasheet HTML 5Page - ON Semiconductor MC74VHC1GT04 Datasheet HTML 6Page - ON Semiconductor MC74VHC1GT04 Datasheet HTML 7Page - ON Semiconductor MC74VHC1GT04 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
November, 1999 – Rev. 1
1
Publication Order Number:
MC74VHC1GT04/D
MC74VHC1GT04
Inverting Buffer /
CMOS Logic Level Shifter
with LSTTL–Compatible Inputs
The MC74VHC1GT04 is a single gate inverting buffer fabricated
with silicon gate CMOS technology. It achieves high speed operation
similar to equivalent Bipolar Schottky TTL while maintaining CMOS
low power dissipation.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output.
The device input is compatible with TTL–type input thresholds and
the output has a full 5V CMOS level output swing. The input
protection circuitry on this device allows overvoltage tolerance on the
input, allowing the device to be used as a logic–level translator from
3.0V CMOS logic to 5.0V CMOS Logic or from 1.8V CMOS logic to
3.0V CMOS Logic while operating at the high–voltage power supply.
The MC74VHC1GT04 input structure provides protection when
voltages up to 7V are applied, regardless of the supply voltage. This
allows the MC74VHC1GT04 to be used to interface 5V circuits to 3V
circuits. The output structures also provide protection when VCC = 0V.
These input and output structures help prevent device destruction
caused by supply voltage – input/output voltage mismatch, battery
backup, hot insertion, etc.
High Speed: tPD = 3.8ns (Typ) at VCC = 5V
Low Power Dissipation: ICC = 2µA (Max) at TA = 25°C
TTL–Compatible Inputs: VIL = 0.8V; VIH = 2.0V
CMOS–CompatibleOutputs: VOH>0.8VCC;VOL<0.1VCC@Load
Power Down Protection Provided on Inputs and Outputs
Balanced Propagation Delays
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300mA
ESD Performance: HBM > 1500V; MM > 200V
Figure 1. 5–Lead SOT–353 Pinout (Top View)
IN A
OUT Y
1
5
1
2
4
3
VCC
NC
IN A
OUT Y
GND
LOGIC SYMBOL
SC–88A / SOT–353
DF SUFFIX
CASE 419A
PIN ASSIGNMENT
1
2
3
GND
NC
IN A
http://onsemi.com
Pin 1
d = Date Code
VKd
4
5
VCC
OUT Y
FUNCTION TABLE
MARKING DIAGRAM
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
L
H
A Input
Y Output
H
L


Similar Part No. - MC74VHC1GT04

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MC74VHC1GT04 ETL-MC74VHC1GT04 Datasheet
581Kb / 4P
   Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
MC74VHC1GT04 ONSEMI-MC74VHC1GT04 Datasheet
127Kb / 6P
   Inverting Buffer CMOS Logic Level Shifter
February, 2013 ??Rev. 16
MC74VHC1GT04 ONSEMI-MC74VHC1GT04 Datasheet
81Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter
July, 2016 ??Rev. 18
MC74VHC1GT04 ONSEMI-MC74VHC1GT04 Datasheet
206Kb / 15P
   Single Inverter
November, 2018 ??Rev. 17
More results

Similar Description - MC74VHC1GT04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_16 Datasheet
81Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter
July, 2016 ??Rev. 18
NL17SHT04 ONSEMI-NL17SHT04 Datasheet
103Kb / 5P
   Inverting Buffer CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT04DT1G ONSEMI-MC74VHC1GT04DT1G Datasheet
127Kb / 6P
   Inverting Buffer CMOS Logic Level Shifter
February, 2013 ??Rev. 16
logo
Leshan Radio Company
L74VHC1GT04 LRC-L74VHC1GT04 Datasheet
372Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
E-Tech Electronics LTD
MC74VHC1GT04 ETL-MC74VHC1GT04 Datasheet
581Kb / 4P
   Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT125DF1G ONSEMI-MC74VHC1GT125DF1G Datasheet
138Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
September, 2012 ??Rev. 14
logo
First Silicon Co., Ltd
FC74VHC1G50 FS-FC74VHC1G50 Datasheet
398Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT126 ONSEMI-MC74VHC1GT126 Datasheet
134Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
May, 2012 ??Rev. 15
logo
Leshan Radio Company
L74VHC1G50 LRC-L74VHC1G50 Datasheet
434Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com