Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HA5352 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HA5352
Description  Fast Acquisition Dual Sample and Hold Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HA5352 Datasheet(HTML) 5 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3-5
HA5352
Die Characteristics
DIE DIMENSIONS:
2530 x 3110 x 525
±25.4µm
100 x 122 x 19
±1mil
METALLIZATION:
Type: Metal 1: AlSiCu/TiW
Thickness: Metal 1: 6k
Å
± 750Å
Type: Metal 2: AlSiCu
Thickness: Metal 2: 16k
Å
± 1.1kÅ
GLASSIVATION:
Type: Sandwich Passivation
Nitride - 4k
Å, Undoped Si Glass(USG) - 8kÅ, Total - 12kÅ
±2kÅ
SUBSTRATE POTENTIAL: V-
TRANSISTOR COUNT: 312
Metallization Mask Layout
HA5352
-IN1
GND1 GND1
V1+
V1+ V1+
S/H CONTROL1
VOUT1
VOUT1
V2-
V2-
V2-
VOUT2
VOUT2
S/H CONTROL2
V2+
V2+ V2+
GND2 GND2
-IN2
+IN2
V1-
V1-
V1-
+IN1


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn