Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA5352 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA5352
Description  Fast Acquisition Dual Sample and Hold Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5352 Datasheet(HTML) 4 Page - Intersil Corporation

  HA5352 Datasheet HTML 1Page - Intersil Corporation HA5352 Datasheet HTML 2Page - Intersil Corporation HA5352 Datasheet HTML 3Page - Intersil Corporation HA5352 Datasheet HTML 4Page - Intersil Corporation HA5352 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3-4
Specifications HA5352
Droop Rate
+25oC-
0.3
-
µV/µs
Full
-2
-
2
µV/µs
Hold Step Error (VIL = 0V, VIH = 4.0V, t R = 5ns)
Full
-10
-
+10
mV
Hold Mode Settling Time (to
±1mV)
25oC-
50
-
ns
Hold Mode Feedthrough (5VP-P, 500kHz, Sine)
25oC-
72
-
dB
EADT (Effective Aperture Delay Time)
+25
oC-
+1
-
ns
Aperture Time (Note 2)
+25oC-
10
-
ns
Aperture Uncertainty
+25oC
-
10
20
ps
Aperture Match
+25
oC-
30
-
ps
POWER SUPPLY CHARACTERISTICS
Supply Current (per Amp)
Full
-
20
22
mA
Total Supply Current
Full
-
40
44
mA
PSRR (+V or -V, 10% Delta)
Full
60
74
-
dB
NOTES:
1. Absolute maximum ratings are limiting values, applied individually, beyond which the serviceability of the circuit may be impaired. Func-
tional operation under any of these conditions is not necessarily implied.
2. Derived from Computer Simulation only, not tested.
3. +CMRR is measured from 0V to +2.5V, -CMRR is measured from 0V to -2.5V.
Electrical Specifications
Test Conditions: VSUPPLY = ±5V; CH = Internal = 15pF, Digital Input: VIL = +0.0V (Sample), VIH = 4.0V
(Hold). Non-Inverting Unity Gain Configuration (Output Tied to -Input), CL = 5pF, Unless Otherwise
Specified (Continued)
PARAMETERS
TEMP
HA5352I
UNITS
MIN
TYP
MAX


Similar Part No. - HA5352

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5352/883 INTERSIL-HA5352/883 Datasheet
27Kb / 1P
   Fast Acquisition Dual Sample and Hold Amplifier
HA5352883 INTERSIL-HA5352883 Datasheet
27Kb / 1P
   Fast Acquisition Dual Sample and Hold Amplifier
HA5352MJ/883 INTERSIL-HA5352MJ/883 Datasheet
27Kb / 1P
   Fast Acquisition Dual Sample and Hold Amplifier
More results

Similar Description - HA5352

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5352883 INTERSIL-HA5352883 Datasheet
27Kb / 1P
   Fast Acquisition Dual Sample and Hold Amplifier
HA5351883 INTERSIL-HA5351883 Datasheet
27Kb / 1P
   Fast Acquisition, Low Power Sample and Hold Amplifier
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
   Sample-and-hold amplifier
August 31, 1994
logo
Maxim Integrated Produc...
DS1843 MAXIM-DS1843 Datasheet
479Kb / 8P
   Fast Sample-and-Hold Circuit
Rev 0; 5/09
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
logo
Intersil Corporation
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
   64ns Sample and Hold Amplifier
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
   64ns Sample and Hold Amplifier
April 25, 2013
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
logo
Maxim Integrated Produc...
DS1843 MAXIM-DS1843_12 Datasheet
483Kb / 8P
   Fast Sample-and-Hold Circuit
Rev 1; 2/12
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
   Precision Sample and Hold Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com