Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG411883 Datasheet(PDF) 5 Page - Intersil Corporation

Part # DG411883
Description  Monolithic Quad SPST CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG411883 Datasheet(HTML) 5 Page - Intersil Corporation

  DG411883 Datasheet HTML 1Page - Intersil Corporation DG411883 Datasheet HTML 2Page - Intersil Corporation DG411883 Datasheet HTML 3Page - Intersil Corporation DG411883 Datasheet HTML 4Page - Intersil Corporation DG411883 Datasheet HTML 5Page - Intersil Corporation DG411883 Datasheet HTML 6Page - Intersil Corporation DG411883 Datasheet HTML 7Page - Intersil Corporation DG411883 Datasheet HTML 8Page - Intersil Corporation DG411883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Specifications DG411/883, DG412/883, DG413/883
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: V+ = +15V, V- = -15V, VL = 5V, GND = 0V, Unless Otherwise Specified
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUP TEMPERATURE
LIMITS
UNITS
MIN
MAX
Turn ON Time
tON
CL = 35pF, VS = ±10V,
RL = 300Ω
9, 11
+25oC, -55oC
0
175
ns
10
+125oC
0
240
ns
V+ = 12V, V- = 0V,
CL = 35pF, VS = +8V,
RL = 300Ω
9, 11
+25oC, -55oC
0
250
ns
10
+125oC
0
400
ns
Turn OFF Time
tOFF
CL = 35pF, VS = ±10V,
RL = 300Ω
9, 11
+25oC, -55oC
0
145
ns
10
+125oC
0
160
ns
V+ = 12V, V- = 0V,
CL = 35pF, VS = +8V,
RL = 300Ω
9, 11
+25oC, -55oC
0
125
ns
10
+125oC
0
140
ns
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (NOTE 1)
Device Tested at: V+ = +15V, V- = -15V, VL = 5V, GND = 0V, Unless Otherwise Specified
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUP TEMPERATURE
LIMITS
UNITS
MIN
MAX
Charge Injection
Q
See Figure 2, VG = 0V, RG = 0Ω,
TA = +25
oC, C
L = 10nF
9
+25oC
-100
+100
pC
+25oC
pC
See Figure 2,
VG = 6V, RG = 0Ω, TA = +25
oC
CL = 10nF, V+ = 12V, V- = 0V
9
+25oC
-100
+100
pC
+25oC
pC
NOTES:
1. VIN = Input Voltage to Perform Proper Function.
2. Signals on SX, DX or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
3. All leads soldered or welded to PC board.
4. Parameters listed in Table 3 are controlled via design or process and are not directly tested at final production. These parameters are lab
characterized upon initial design release or upon design changes. These parameters are guaranteed by characterization based upon
data from multiple production runs which reflect lot to lot and within lot variation.
TABLE 4. ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUPS (SEE TABLES 1 AND 2)
Interim Electrical Parameters (Pre Burn-In)
1
Final Electrical Test Parameters
1 (Note 1), 2, 3, 9, 10, 11
Group A Test Requirements
1, 2, 3, 9, 10, 11
Groups C and D Endpoints
1
NOTE:
1. PDA applies to Subgroup 1 only.
Spec Number
512043


Similar Part No. - DG411883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG411 INTERSIL-DG411 Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
logo
Intersil Corporation
DG411 INTERSIL-DG411 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG411 VISHAY-DG411 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
More results

Similar Description - DG411883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com