Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA5130A Datasheet(PDF) 9 Page - Intersil Corporation

Part # CA5130A
Description  15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5130A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CA5130A Datasheet HTML 5Page - Intersil Corporation CA5130A Datasheet HTML 6Page - Intersil Corporation CA5130A Datasheet HTML 7Page - Intersil Corporation CA5130A Datasheet HTML 8Page - Intersil Corporation CA5130A Datasheet HTML 9Page - Intersil Corporation CA5130A Datasheet HTML 10Page - Intersil Corporation CA5130A Datasheet HTML 11Page - Intersil Corporation CA5130A Datasheet HTML 12Page - Intersil Corporation CA5130A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
Top Trace: Output
Bottom Trace: Input
FIGURE 3A. SMALL SIGNAL RESPONSE (50mV/DIV.,
200ns/DIV.)
Top Trace: Output Signal = 2V/Div., 5
µs/Div.
Center Trace: Difference Signal = 5mV/Div., 5
µs/Div.
Bottom Trace: Input Signal = 2V/Div., 5
µs/Div.
FIGURE 3B. INPUT OUTPUT DIFFERENCE SIGNAL SHOWING
SETTLING TIME (MEASUREMENT MADE WITH
TEKTRONIX 7A13 DIFFERENTIAL AMPLIFIER)
FIGURE 3. CA5130 SPLIT SUPPLY VOLTAGE FOLLOWER WITH ASSOCIATED WAVEFORMS
3
2
1
8
4
7
6
+
-
10k
CC = 56pF
-7.5V
0.01
µF
+7.5V
0.01
µF
2k
2k
BW (-3dB) = 4MHz
SR = 10V/
µs
25pF
0.1
µF
CA5130, CA5130A


Similar Part No. - CA5130A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA513 MACOM-CA513 Datasheet
372Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
CA513 MA-COM-CA513 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
More results

Similar Description - CA5130A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5260 INTERSIL-CA5260 Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA5260 INTERSIL-CA5260_05 Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com