Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA1391 Datasheet(PDF) 1 Page - Harris Corporation

Part # CA1391
Description  TV Horizontal Processors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA1391 Datasheet(HTML) 1 Page - Harris Corporation

  CA1391 Datasheet HTML 1Page - Harris Corporation CA1391 Datasheet HTML 2Page - Harris Corporation CA1391 Datasheet HTML 3Page - Harris Corporation CA1391 Datasheet HTML 4Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
8-9
May 1999
CA1391, CA1394
TV Horizontal Processors
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1999
File Number
981.4
Features
• CA1391E - Positive Horizontal Sawtooth Input
• CA1394E - Negative Horizontal Sawtooth Input
• Internal Shunt Regulator
• Linear Balanced Phase Detector
• Preset Hold Control Capability
• Pull-In
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±300Hz (Typ)
• Low Thermal Frequency Drift
• Small Static Phase Error
• Variable Output Duty Cycle
• Adjustable DC Loop Gain
Description
The
Harris
CA1391E
and
CA1394E
are
monolithic
integrated circuits designed for use in the low-level
horizontal section of monochrome or color television
receivers. Functions include a phase detector, an oscillator,
a regulator, and a pre-driver.
The CA1391E and CA1394E are electrically equivalent and
pin compatible with industry types 1391 and 1394 in similar
packages.
Pinout
CA1391, CA1394
(PDIP)
TOP VIEW
Functional Diagram
Part Number Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA1391E
0 to 85
8 Ld PDIP
E8.3
CA1394E
0 to 85
8 Ld PDIP
E8.3
OUT
GND
SYNC
HORIZ
1
2
3
4
8
7
6
5
SPACE
OSC
V+
PHASE
RATIO
TIMING
DETECT
OUT
IN
IN
MARK-
PHASE
DETECTOR
OUT
PHASE
DETECTOR
REGULATOR
OSCILLATOR
PRE-
DRIVER
HORIZONTAL
SAWTOOTH
INPUT
SYNC
INPUT
GROUND
MARK-SPACE
RATIO
OUTPUT
V+
PHASE
DETECTOR
OUTPUT
OSCILLATOR
TIMING
4
3
2
6
7
5
8
1
[ /Title
(CA13
91,
CA139
4)
/Sub-
ject
(TV
Hori-
zontal
Proces-
sors)
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
TV
hori-
zontal
proces-
sor,
hori-
zontal
oscilla-
tor,
hori-
zontal
driver,
phase
detec-
tor,
AFC
cir-
cuit,
AGC
cir-
cuit,
OBSOLETE PRODUCT
NO RECOMMENDED
REPLACEMENT
Call Central Applications
1-800-442-7747
or email: centapp@harris.com


Similar Part No. - CA1391

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA1391E ETC2-CA1391E Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CA1391

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
logo
Zoran Corporation
ZR39160 ZORAN-ZR39160 Datasheet
87Kb / 2P
   Integrated Digital TV Processors
ZR39150 ZORAN-ZR39150 Datasheet
130Kb / 2P
   INTEGRATED DIGITAL TV PROCESSORS
logo
STMicroelectronics
TDA1180P STMICROELECTRONICS-TDA1180P Datasheet
213Kb / 12P
   TV HORIZONTAL PROCESSOR
May 1993
logo
Motorola, Inc
MC1391 MOTOROLA-MC1391 Datasheet
110Kb / 6P
   TV HORIZONTAL PROCESSOR
logo
Unisonic Technologies
PC1031 UTC-PC1031 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION CIRCUIT
logo
Fairchild Semiconductor
BU508AF FAIRCHILD-BU508AF Datasheet
51Kb / 4P
   TV Horizontal Output Applications
logo
Hitachi Semiconductor
2SC3769 HITACHI-2SC3769 Datasheet
34Kb / 1P
   TV HORIZONTAL DEFLECTION OUTPUT
logo
Fairchild Semiconductor
TDA2590 FAIRCHILD-TDA2590 Datasheet
344Kb / 7P
   TV HORIZONTAL OSCILLATOR COMBINATION
logo
Zoran Corporation
ZR39600 ZORAN-ZR39600 Datasheet
111Kb / 2P
   Integrated High Definition Digital TV Processors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com