Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9165 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9165
Description  High Frequency 600-mA Synchronous Buck/Boost Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9165 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9165 Datasheet HTML 1Page - Vishay Siliconix SI9165 Datasheet HTML 2Page - Vishay Siliconix SI9165 Datasheet HTML 3Page - Vishay Siliconix SI9165 Datasheet HTML 4Page - Vishay Siliconix SI9165 Datasheet HTML 5Page - Vishay Siliconix SI9165 Datasheet HTML 6Page - Vishay Siliconix SI9165 Datasheet HTML 7Page - Vishay Siliconix SI9165 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Si9165
Vishay Siliconix
www.vishay.com
2
Document Number: 70845
S-40693—Rev. C, 19-Apr-04
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to GND
VDD
6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MODE, PWM/PSM, SYNC, SD,
VREF, ROSC COMP, FB
−0.3 V to VDD +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
VO
−0.3 V to VS +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PGND
"0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltages Referenced to PGND
VS, VIN/OUT
6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
COIL
−0.4 V to VIN/OUT +0.4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Output Current
3 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Output Current
1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range
−65 to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package)a
20-Pin TSSOP (Q Suffix)b
1.0 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Impedance (ΘJA)
20-Pin TSSOP
125_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 8.0 mW/
_C above 25_C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Voltages Referenced to GND
VDD
2.7 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MODE, PWM/PSM, SYNC, SD
0 V to VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltages Referenced to PGND
VS, VIN/OUT
2.7 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Fosc
200 kHz to 2 MHz
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Rosc
25 kW to 300 kW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VREF Capacitor
0.1 mF
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONS
Test Conditions
Unless Otherwise Specified
Limits
Parameter
Symbol
Unless Otherwise Specified
2.7 V < VDD < 6V,
VIN/OUT = 3.3 V, VS = 3.3 V
Mina
Typb
Maxa
Unit
Reference
Output Voltage
VREF
IREF = 0
1.268
1.3
1.332
V
Output Voltage
VREF
TA = 25°C, IREF = 0
1.280
1.3
1.320
V
Load Regulation
DVREF
VDD = 3.3 V, −500 µA < IREF <0
3
mV
Power Supply Rejection
PSRR
60
dB
UVLO
Under Voltage Lockout (turn-on)
VUVLOLH
2.3
2.4
2.5
V
Hysteresis
VHYS
VUVLOLH − VUVLOHL
0.1
V
Soft-Start Time
SS time
tss
6
ms
Mode
Logic High
VIH
0.7 VDD
V
Logic Low
VIL
0.3 VDD
V
Input Current
IL
−1.0
1.0
mA
SD, SYNC, PWM/PSM
Logic High
VIH
2.4
V
Logic Low
VIL
0.8
V
Input Current
IL
−1.0
1.0
mA


Similar Part No. - SI9165

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9165 VISHAY-SI9165 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
SI9165BQ-T1-E3 VISHAY-SI9165BQ-T1-E3 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
SI9165DB VISHAY-SI9165DB Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
SI9165 VISHAY-SI9165_07 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
More results

Similar Description - SI9165

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9165 VISHAY-SI9165_07 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
SI9169 VISHAY-SI9169 Datasheet
76Kb / 8P
   High Frequency 1-A Synchronous Buck/Boost Converter
Rev. D, 19-Apr-04
SI9169 VISHAY-SI9169_07 Datasheet
456Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
Rev. E, 08-Oct-07
SI9169 VISHAY-SI9169_V01 Datasheet
173Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
01-Jan-2022
logo
Texas Instruments
TPS61070 TI-TPS61070 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_07 Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070TDDCRQ1 TI1-TPS61070TDDCRQ1 Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61071-Q1 TI1-TPS61071-Q1 Datasheet
575Kb / 24P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
logo
Analog Devices
ADP2503 AD-ADP2503 Datasheet
1Mb / 16P
   600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
Rev. PrB
logo
Texas Instruments
TPS61070 TI-TPS61070_15 Datasheet
998Kb / 28P
[Old version datasheet]   TPS6107x 90% Efficient Synchronous Boost Converter With 600-mA Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com