Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE180CA Datasheet(PDF) 3 Page - Littelfuse

Part # P6KE180CA
Description  Silicon Avalanche Diodes - Silicon Avalanche Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P6KE180CA Datasheet(HTML) 3 Page - Littelfuse

  P6KE180CA Datasheet HTML 1Page - Littelfuse P6KE180CA Datasheet HTML 2Page - Littelfuse P6KE180CA Datasheet HTML 3Page - Littelfuse P6KE180CA Datasheet HTML 4Page - Littelfuse P6KE180CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
287
www .littelfuse .com
6
PP6KE6.8*
P6KE6.8A*
P6KE7.5*
P6KE7.5A*
P6KE8.2
P6KE8.2A
P6KE9.1
P6KE9.1A
P6KE10
P6KE10A
P6KE11
P6KE11A
P6KE12*
P6KE12A*
P6KE13
P6KE13A
P6KE15
P6KE15A
P6KE16
P6KE16A
P6KE18*
P6KE18A*
P6KE20
P6KE20A
P6KE22
P6KE22A
P6KE24
P6KE24A
P6KE27*
P6KE27A*
P6KE30*
P6KE30A*
Part
Number
(Uni)
Part
Number
(Bi)
PP6KE6.8C*
P6KE6.8CA*
P6KE7.5C*
P6KE7.5CA*
P6KE8.2C
P6KE8.2CA
P6KE9.1C
P6KE9.1CA
P6KE10C
P6KE10CA
P6KE11C
P6KE11CA
P6KE12C*
P6KE12CA*
P6KE13C
P6KE13CA
P6KE15C*
P6KE15CA*
P6KE16C
P6KE16CA
P6KE18C*
P6KE18CA*
P6KE20C*
P6KE20CA*
P6KE22C
P6KE22CA
P6KE24C
P6KE24CA
P6KE27C
P6KE27CA
P6KE30C*
P6KE30CA*
Reverse
Stand off
Voltage
VR
(Volts)
5.50
5.80
6.05
6.40
6.63
7.02
7.37
7.78
8.10
8.55
8.92
9.40
9.72
10.20
10.50
11.10
12.10
12.80
12.90
13.60
14.50
15.30
16.20
17.10
17.80
18.80
19.40
20.50
21.80
23.10
24.30
25.60
Breakdown
Voltage
VBR (Volts) @
IT
MIN
6.12
6.45
6.75
7.13
7.38
7.79
8.19
8.65
9.00
9.50
9.90
10.50
10.80
11.40
11.70
12.40
13.50
14.30
14.40
15.20
16.20
17.10
18.00
19.00
19.80
20.90
21.60
22.80
0
24.30
25.70
27.00
28.50
MAX
7.48
7.14
8.25
7.88
9.02
8.61
10.00
9.55
11.00
10.50
12.10
11.60
13.20
12.60
14.30
13.70
16.50
15.80
17.60
16.80
19.80
18.90
22.00
21.00
24.20
23.10
26.40
25.20
29.70
28.40
33.00
31.50
(mA)
10.0
10.0
10.0
10.0
10.0
10.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
Maximum
Reverse
Leakage
IR @ VR
(µA)
1000.0
1000.0
500.0
500.0
200.0
200.0
50.0
50.0
10.0
10.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
Maximum
Clamping
Voltage
VC @
IPP
(Volts)
10.8
10.5
11.7
11.3
12.5
12.1
13.8
13.4
15.0
14.5
16.2
15.6
17.3
16.7
19.0
18.2
22.0
21.2
23.5
22.5
26.5
25.2
29.1
27.7
31.9
30.6
34.7
33.2
39.1
37.5
43.5
41.4
Maximum
Peak Pulse
Current
IPP
(A)
56.0
57.0
51.0
53.0
48.0
50.0
44.0
45.0
40.0
41.0
37.0
38.0
35.0
36.0
32.0
33.0
27.0
28.0
26.0
27.0
23.0
24.0
21.0
22.0
19.0
20.0
17.0
18.0
15.0
16.0
14.0
14.4
Suffix ‘C’ denotes Bi-directional device. Suffix ‘A’ denotes 5% tolerance device, no suffix denotes a 10% tolerance device.
1.
For Bi-directional devices having VR of 10 volts and below, the IR limit is doubled.
2.
VF = 3.5 Volts max. for devices of VR <100v, and VF = 5.0 Volts max for devices of VR >100V. IF = 50A, 300 µS square wave.
* Preferred voltages.
Max
Voltage
Temperature
Variation
of VBR (mV/°C)
0.057
0.057
0.061
0.061
0.065
0.065
0.068
0.068
0.073
0.073
0.075
0.075
0.078
0.078
0.081
0.081
0.084
0.084
0.086
0.086
0.088
0.088
0.090
0.090
0.092
0.092
0.094
0.094
0.096
0.096
0.097
0.097
P6KE Series
ELECTRICAL SPECIFICATION @ Tamb 25°C
Silicon Avalanche Diodes
600 Watt Axial Transient Voltage Suppressors
®


Similar Part No. - P6KE180CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE180CA PANJIT-P6KE180CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
SUNMATE electronic Co.,...
P6KE180CA SUNMATE-P6KE180CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Won-Top Electronics
P6KE180CA WTE-P6KE180CA Datasheet
74Kb / 6P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
SiPower Inc.
P6KE180CA SIPOWER-P6KE180CA Datasheet
1Mb / 4P
   Transient Voltage Suppressor
logo
Ruilongyuan Electronics...
P6KE180CA RUILON-P6KE180CA Datasheet
895Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P6KE180CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMBJ47CA LITTELFUSE-1KSMBJ47CA Datasheet
217Kb / 4P
   Silicon Avalanche Diodes
logo
New Jersey Semi-Conduct...
1N56 NJSEMI-1N56 Datasheet
256Kb / 2P
   Silicon Avalanche Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10 Datasheet
172Kb / 2P
   Silicon Avalanche Diodes
1.5KE150 LITTELFUSE-1.5KE150 Datasheet
126Kb / 4P
   Silicon Avalanche Diodes
SMBJ28AHE3 LITTELFUSE-SMBJ28AHE3 Datasheet
235Kb / 4P
   Silicon Avalanche Diodes
logo
MDE Semiconductor, Inc.
SMD15KPA17A MDE-SMD15KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
SMD30KPA17A MDE-SMD30KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
logo
Shenzhen Luguang Electr...
R2K LUGUANG-R2K Datasheet
266Kb / 2P
   Avalanche Diodes
R2KN LUGUANG-R2KN Datasheet
289Kb / 2P
   Avalanche Diodes
R2G LUGUANG-R2G Datasheet
134Kb / 2P
   Avalanche Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com