Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ180CA Datasheet(PDF) 4 Page - Littelfuse

Part # SMBJ180CA
Description  Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMBJ180CA Datasheet(HTML) 4 Page - Littelfuse

  SMBJ180CA Datasheet HTML 1Page - Littelfuse SMBJ180CA Datasheet HTML 2Page - Littelfuse SMBJ180CA Datasheet HTML 3Page - Littelfuse SMBJ180CA Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
600W Surface Mount Transient Voltage Supressors
Silicon Avalanche Diodes
4
www .littelfuse.com
SMBJ Series
Package Outline Dimensions and Pad Layout
DO-214AA (SMB J-Bend)
0.086 (2.20)
0.077 (1.95)
0.180 (4.57)
0.160 (4.06)
0.155 (3.94)
0.130 (3.30)
0.012 (0.305)
0.006 (0.152)
0.060 (1.52)
0.030 (0.76)
0.220 (5.59)
0.205 (5.21)
0.096 (2.44)
0.084 (2.13)
0.008 (0.203) MAX
Dimensions in inches and (millimeters)
Cathode Band
2.16
2.74
2.16
2.26
Solder Pads
All dimensions in mm
®


Similar Part No. - SMBJ180CA

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
SMBJ180CA AOSMD-SMBJ180CA Datasheet
706Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
logo
MDE Semiconductor, Inc.
SMBJ180CA MDE-SMBJ180CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ180CA LUGUANG-SMBJ180CA Datasheet
1,002Kb / 6P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Microdiode Electronics ...
SMBJ180CA CHENDA-SMBJ180CA Datasheet
1Mb / 5P
   TRANSIENT VTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
SMBJ180CA DAESAN-SMBJ180CA Datasheet
348Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ180CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMAJ5.0A LITTELFUSE-SMAJ5.0A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
SMCJ5.0A LITTELFUSE-SMCJ5.0A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
P4SMA6.8A LITTELFUSE-P4SMA6.8A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
P6SMBJ6V8 LITTELFUSE-P6SMBJ6V8 Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
SMBJ5.0 LITTELFUSE-SMBJ5.0 Datasheet
326Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
1KSMBJ LITTELFUSE-1KSMBJ Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com