Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58LT128GS Datasheet(PDF) 78 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 78 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 74Page - STMicroelectronics M58LT128GS Datasheet HTML 75Page - STMicroelectronics M58LT128GS Datasheet HTML 76Page - STMicroelectronics M58LT128GS Datasheet HTML 77Page - STMicroelectronics M58LT128GS Datasheet HTML 78Page - STMicroelectronics M58LT128GS Datasheet HTML 79Page - STMicroelectronics M58LT128GS Datasheet HTML 80Page - STMicroelectronics M58LT128GS Datasheet HTML 81Page - STMicroelectronics M58LT128GS Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 98 page
background image
13 Part Numbering
M58LT128GST, M58LT128GSB
78/98
Table 43.
Bank and Erase Block Region Information
1.
The variable P is a pointer which is defined at CFI offset 015h.
2.
Bank Regions. There are two Bank Regions, see Table 30 to Table 35.
Flash memory (top)
Flash memory (bottom)
Description
Offset
Data
Offset
Data
(P+23)h = 12Dh
02h
(P+23)h = 12Dh
02h
Number of Bank Regions within the device


Similar Part No. - M58LT128GS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LT128HSB STMICROELECTRONICS-M58LT128HSB Datasheet
816Kb / 110P
   128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
logo
Numonyx B.V
M58LT128HSB NUMONYX-M58LT128HSB Datasheet
1Mb / 110P
   128 Mbit (8 Mb 횞16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
M58LT128HSB8ZA6 NUMONYX-M58LT128HSB8ZA6 Datasheet
1Mb / 110P
   128 Mbit (8 Mb 횞16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
M58LT128HSB8ZA6E NUMONYX-M58LT128HSB8ZA6E Datasheet
1Mb / 110P
   128 Mbit (8 Mb 횞16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
M58LT128HSB8ZA6F NUMONYX-M58LT128HSB8ZA6F Datasheet
1Mb / 110P
   128 Mbit (8 Mb 횞16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
More results

Similar Description - M58LT128GS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LR128GT STMICROELECTRONICS-M58LR128GT Datasheet
1Mb / 84P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M30L0R8000T0 STMICROELECTRONICS-M30L0R8000T0 Datasheet
1Mb / 83P
   256 Mbit (16Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
logo
Numonyx B.V
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M36L0T7050T0 STMICROELECTRONICS-M36L0T7050T0 Datasheet
361Kb / 18P
   128Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32Mbit (2M x16) PSRAM, Multi-Chip Package
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com