Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V100ZA05 Datasheet(PDF) 11 Page - Harris Corporation

Part # V100ZA05
Description  Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

V100ZA05 Datasheet(HTML) 11 Page - Harris Corporation

Back Button V100ZA05 Datasheet HTML 4Page - Harris Corporation V100ZA05 Datasheet HTML 5Page - Harris Corporation V100ZA05 Datasheet HTML 6Page - Harris Corporation V100ZA05 Datasheet HTML 7Page - Harris Corporation V100ZA05 Datasheet HTML 8Page - Harris Corporation V100ZA05 Datasheet HTML 9Page - Harris Corporation V100ZA05 Datasheet HTML 10Page - Harris Corporation V100ZA05 Datasheet HTML 11Page - Harris Corporation V100ZA05 Datasheet HTML 12Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
4-44
Tape and Reel Ordering Information
Crimped leads are standard on ZA types supplied in tape
and reel and are denoted by the model letter “T”. Model letter
“S” denotes straight leads and letter “U” denotes special
under-crimped leads.
Example:
STANDARD
MODEL
CRIMPED
LEADS
STRAIGHT
LEADS
UNDER-
CRIMPED
LEADS
V18ZA3
V18ZT3
V18ZS3
V18ZU3
SHIPPING QUANTITY
SIZE
RMS
(MAX)
VOLTAGE
QUANTITY PER REEL
“T” REEL
“S” REEL
“U” REEL
5mm
All
1000
1000
1000
7mm
All
1000
1000
1000
10mm
All
1000
1000
1000
14mm
< 300V
500
500
500
14mm
≥ 300V
500
500
500
20mm
< 300V
500
500
500
20mm
≥ 300V
500
500
500
Mechanical Dimensions
SYM-
BOL
VOLTAGE
MODEL
VARISTOR MODEL SIZE
5mm
7mm
10mm
14mm
20mm
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
All
-
-
10
(0.394)
-
-
12
(0.472)
-
-
16
(0.630)
-
-
20
(0.787)
-
-
26.5
(1.043)
ØD
All
-
-
7
(0.276)
-
-
9
(0.354)
-
-
12.5
(0.492)
-
-
17
(0.669)
-
-
23
(0.906)
eAll
4
(0.157)
6
(0.236)
4
(0.157)
6
(0.236)
6.5
(0.256)
8.5
(0.335)
6.5
(0.256)
8.5
(0.335)
6.5
(0.256)
(Note 6)
8.5
(0.335)
(Note 6)
e1
V8ZA-
V56ZA
1
(0.039)
3
(0.118)
1
(0.039)
3
(0.118)
1
(0.039)
3
(0.118)
1
(0.039)
3
(0.118)
1
(0.039)
3
(0.118)
V68ZA-
V100ZA
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
NA (NA) NA (NA)
V120ZA-
V180ZA
1
(0.039)
3
(0.118)
1
(0.039)
3
(0.118)
1
(0.039)
3
(0.118)
1
(0.038)
1
(0.118)
NA (NA) NA (NA)
V205ZA-
V750ZA
1.5
(0.059)
3.5
(0.138)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
E
V8ZA-
V56ZA
-
-
5
(0.197)
-
-
5
(0.197)
-
-
5
(0.197)
-
-
5
(0.197)
-
-
5
(0.197)
V68ZA-
V100ZA
-
-
5.6
(0.220)
-
-
5.6
(0.220)
-
-
5.6
(0.220)
-
-
5.6
(0.220)
-
-
5.6
(0.220)
V120ZA-
V180ZA
-
-
5
(0.197)
-
-
5
(0.197)
-
-
5
(0.197)
-
-
5
(0.197)
-
-
5
(0.197)
V205ZA-
V750ZA
-
-
5.6
(0.220)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Øb
All
0.585
(0.023)
0.685
(0.027)
0.585
(0.023)
0.685
(0.027)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
0.86
(0.034)
NOTES: Dimensions in millimeters, inches in parentheses.
6. 10mm ALSO AVAILABLE; See Additional Lead Style Options.
7. V24ZA50 only supplied with lead spacing of 6.35mm
± 0.5mm (0.25 ± 0.0196)
Dimension E = 5.85 min.
ZA Series


Similar Part No. - V100ZA05

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V100ZA05 LITTELFUSE-V100ZA05 Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V100ZA05P LITTELFUSE-V100ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V100ZA05P LITTELFUSE-V100ZA05P Datasheet
825Kb / 13P
   Radial Lead Varistors
V100ZA05P LITTELFUSE-V100ZA05P Datasheet
1Mb / 14P
   ZA Varistor Series
V100ZA05P LITTELFUSE-V100ZA05P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
More results

Similar Description - V100ZA05

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com