Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BF1207 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. BF1207
Description  Dual N-channel dual gate MOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BF1207 Datasheet(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
9397 750 14955
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 28 July 2005
3 of 22
Philips Semiconductors
BF1207
Dual N-channel dual gate MOSFET
3.
Ordering information
4.
Marking
[1]
* = p: Made in Hong Kong.
* = t: Made in Malaysia.
* = W: Made in China.
5.
Limiting values
[1]
Tsp is the temperature at the soldering point of the source lead.
Table 3:
Ordering information
Type number
Package
Name
Description
Version
BF1207
-
plastic surface mounted package; 6 leads
SOT363
Table 4:
Marking
Type number
Marking code [1]
BF1207
M2*
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per MOSFET
VDS
drain-source voltage
DC
-
6
V
ID
drain current
DC
-
30
mA
IG1
gate1 current
-
±10
mA
IG2
gate2 current
-
±10
mA
Ptot
total power dissipation
Tsp ≤ 107 °C
[1] -
180
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn