Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ48 Datasheet(PDF) 1 Page - Littelfuse

Part # SMBJ48
Description  Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMBJ48 Datasheet(HTML) 1 Page - Littelfuse

  SMBJ48 Datasheet HTML 1Page - Littelfuse SMBJ48 Datasheet HTML 2Page - Littelfuse SMBJ48 Datasheet HTML 3Page - Littelfuse SMBJ48 Datasheet HTML 4Page - Littelfuse SMBJ48 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Silicon Avalanche Diodes
267
www .littelfuse .com
6
2.0
3.30/
3.94
Protect sensitive electronics against voltage transients induced
by inductive load switching and lightning. Ideal for the
protection of I/O interfaces, Vcc bus and other integrated
circuits.
FEATURES
Stand-off Voltage Range 5.0 to 170 Volts
Uni-directional and Bi-directional
Glass passivated junction
Jedec package designed to meet SM assembly needs
Low head inductance
100% surge tested
UL recognised
MAXIMUM RATING
Peak Pulse Power (Ppk) 600 Watts (10 x 1000µs)@25°C
(see diagram on page 3 for wave form)
1.5 watt steady state
Response time: 1 x 10-12 secs (theoretical)
Forward surge rating: 100A, 8.3 ms single half sine-wave
(Uni-directional only)
Operating & storage temp.: -55°C to +150°C
MECHANICAL CHARACTERISTICS
Case: DO-214AA moulded plastic over glass
passivated junction UL94V(O) (Thermoset) Epoxy
Terminals: Solder plated solderable per MIL-STD-750
Method 2026
Solderable leads: 230°C for 10 seconds.
Marking: cathode band (positive terminal, uni-directional
devices only), device code, logo
Agency Approvals: Recognized under the Components Program
of Underwriters Laboratories.
Agency File Numbers: E128662
SMBJ
Voltage
C A
Bi-Directional
5% Voltage Tolerance
ORDERING INFORMATION
2.16
2.74
2.16
2.26
Solder Pads
All dimensions in mm
SMBJ Series
600W Surface Mount Transient Voltage Sup
pressors
®


Similar Part No. - SMBJ48

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ48 JGD-SMBJ48 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ48 SOCAY-SMBJ48 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Yangzhou yangjie electr...
SMBJ48 YANGJIE-SMBJ48 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ48 MICROSEMI-SMBJ48 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SMBJ48 YANGJIE-SMBJ48 Datasheet
196Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - SMBJ48

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P6SMBJ6V8 LITTELFUSE-P6SMBJ6V8 Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ-AT UNSEMI-SMBJ-AT Datasheet
3Mb / 7P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P6SMBJ WTE-P6SMBJ Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com