Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F4563-ND Datasheet(PDF) 4 Page - Littelfuse

Part # F4563-ND
Description  Fuse Blocks and Clips - For 3AG Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

F4563-ND Datasheet(HTML) 4 Page - Littelfuse

  F4563-ND Datasheet HTML 1Page - Littelfuse F4563-ND Datasheet HTML 2Page - Littelfuse F4563-ND Datasheet HTML 3Page - Littelfuse F4563-ND Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Catalog
Clip
Amp
Voltage
Number
Material
Finish
Style Rating
Rating
0105 0003
Spring Brass
Tin-plated
Ear
15A
250VAC
0125 0003 Beryllium Copper Tin-plated
Ear
30A
250VAC
Fuse Blocks and Clips
491
www .littelfuse .com
14
Catalog
Clip
Number
Material
Finish
Style
0111 0005MR
Phosphor
Tin-plated
Ear
Bronze
Ammo Pack 1000 Pcs.
20mm
(.787")
5mm
(.197")
1.05mm (.041") DIA. 4 HOLES
PCB MOUNTING HOLE SPECIPCATION
6mm
(.236")
1mm
(.039")
1.3mm
(.051")
ORDERING INFORMATION:
For 5mm Diameter Fuses Automatic Insertion Type
2.1mm
(.083")
4.7mm
(.185")
7.8mm
(.307")
2.6mm
(.102")
1mm
(.039")
5.3mm
(.209")
3mm
(.118")
12.7mm
(.50")
5mm
(.197")
6.35mm
(.250")
18mm
(.709")
9mm
(.354")
4mm (.157")
18mm
(.709")
16mm
(.630")
0.6mm
(.024")
12.7mm
(.500")
1mm
(.039")
0.5mm
(.020")
For Midget Fuses (13/32") PC Board Mount
2.1
(.083")
12.4
(.488")
03.45 (.136")
/
11.1
(.437")
11.4
(.449")
22.2
(.874")
0.710
± 0.005
(.028
± .0002")
18.7
(.736")
NOTE: #0111 005 phosphor bronze, tin-plated clips designed for automatic
insertion are suitable for current levels up to 10 amperes.
ELECTRICAL SPECIFICATIONS: 15A at 250VAC
ORDERING INFORMATION:
®
Pb
RoHS
Pb
RoHS
14


Similar Part No. - F4563-ND

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F4568 LITTELFUSE-F4568 Datasheet
164Kb / 1P
   For Low Voltage 3AG or SFE Fuse Applications
F4568-ND LITTELFUSE-F4568-ND Datasheet
164Kb / 1P
   For Low Voltage 3AG or SFE Fuse Applications
F4569 LITTELFUSE-F4569 Datasheet
164Kb / 1P
   For Low Voltage 3AG or SFE Fuse Applications
F4569-ND LITTELFUSE-F4569-ND Datasheet
164Kb / 1P
   For Low Voltage 3AG or SFE Fuse Applications
More results

Similar Description - F4563-ND

ManufacturerPart #DatasheetDescription
logo
Littelfuse
354 LITTELFUSE-354 Datasheet
100Kb / 1P
   Fuse Blocks and Clips - For 3AG Fuses
254 LITTELFUSE-254 Datasheet
102Kb / 1P
   Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
354001-GY LITTELFUSE-354001-GY Datasheet
703Kb / 1P
   Fuse Blocks and Clips
154062 LITTELFUSE-154062 Datasheet
153Kb / 1P
   FUSE BLOCKS AND CLIPS
354000 LITTELFUSE-354000 Datasheet
99Kb / 1P
   Fuse Blocks and Clips
01110005MR LITTELFUSE-01110005MR Datasheet
136Kb / 1P
   Fuse Blocks and Clips
01000058Z LITTELFUSE-01000058Z Datasheet
303Kb / 4P
   Fuse Blocks and Clips
L60030M-1C LITTELFUSE-L60030M-1C Datasheet
122Kb / 1P
   Fuse Blocks and Clips - For 1 1/2 Long Midget Fuses
124 LITTELFUSE-124 Datasheet
367Kb / 2P
   High Current Cartridge Fuse Clips 124 Series > For For 10x38mm & 3AG/3AB Fuses
Revised: BA.08/24/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com