Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1827994 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1827994
Description  Printed-circuit board connector - MC 1,5/15-GF-3,81
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1827994 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1827994 Datasheet HTML 1Page - PHOENIX CONTACT 1827994 Datasheet HTML 2Page - PHOENIX CONTACT 1827994 Datasheet HTML 3Page - PHOENIX CONTACT 1827994 Datasheet HTML 4Page - PHOENIX CONTACT 1827994 Datasheet HTML 5Page - PHOENIX CONTACT 1827994 Datasheet HTML 6Page - PHOENIX CONTACT 1827994 Datasheet HTML 7Page - PHOENIX CONTACT 1827994 Datasheet HTML 8Page - PHOENIX CONTACT 1827994 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
https://www.phoenixcontact.com/pi/products/1827994
04/01/2020   Page 3 / 10
Printed-circuit board connector - MC 1,5/15-GF-3,81 - 1827994
Technical data
Packaging information
Pieces per package
50
Denomination packing units
Pcs.
Ambient conditions
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Ambient temperature (assembly)
-5 °C ... 100 °C
Ambient temperature (operation)
-40 °C ... 100 °C (dependent on the derating curve)
Air clearances and creepage distances
Clearances and creepage distances
IEC 60664-1:2007-04
Specification
IEC 60664-1:2007-04
Minimum clearance - inhomogeneous field (III/3)
1.5 mm
Minimum clearance - inhomogeneous field (III/2)
1.5 mm
Minimum clearance - inhomogeneous field (II/2)
1.5 mm
Minimum creepage distance value (III/3)
2.5 mm
Minimum creepage distance value (III/2)
1.6 mm
Minimum creepage distance value (II/2)
2.5 mm
Mechanical tests (A)
Insertion strength per pos. approx.
6 N
Withdraw strength per pos. approx.
4 N
Polarization when inserted requirement >20 N
Test passed
Contact holder in insert requirements >20 N
Test passed
Durability tests (B)
Specification
IEC 60512-9-1:2010-03
Contact resistance R1
1.3 mΩ
Insertion/withdrawal cycles
25
Contact resistance R2
1.5 mΩ
Impulse withstand voltage at sea level
2.95 kV
Power-frequency withstand voltage
1.39 kV
Insulation resistance, neighboring positions
15 TΩ
Climatic tests (D)
Specification
ISO 6988:1985-02
Cold stress
-40 °C/2 h
Thermal stress
100 °C/168 h
Corrosive stress
0.2 dm3 SO2 on 300 dm3/40 °C/1 cycle
Impulse withstand voltage at sea level
2.95 kV
Power-frequency withstand voltage
1.39 kV
Environmental and durability tests (E)
Specification
IEC 61984:2008-10
Result, degree of protection, IP code
Finger safety with IP20 test finger


Similar Part No. - 1827994

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1827906 PHOENIX-1827906 Datasheet
97Kb / 4P
   Printed-circuit board connector - CCVA 2,5/15-G-5,08 P26THR
1827907 PHOENIX-1827907 Datasheet
977Kb / 19P
   PCB header - MC 1,5/ 6-GF-3,81
Jul 20, 2022
1827910 PHOENIX-1827910 Datasheet
158Kb / 6P
   MC 1,5/ 7-STF-3,81
1827910 PHOENIX-1827910 Datasheet
103Kb / 7P
   Base strip - MC 1,5/ 7-GF-3,81
1827910 PHOENIX-1827910 Datasheet
136Kb / 5P
   QC 0,5/ 7-STF-3,81
More results

Similar Description - 1827994

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1817932 PHOENIX-1817932 Datasheet
100Kb / 4P
   Printed-circuit board connector - MC 1,5/15-GF-3,81-LR
1848410 PHOENIX-1848410 Datasheet
153Kb / 10P
   Printed-circuit board connector - MC 1,5/17-GF-3,81
09/12/2020
1848423 PHOENIX-1848423 Datasheet
153Kb / 10P
   Printed-circuit board connector - MC 1,5/18-GF-3,81
09/11/2020
1782239 PHOENIX-1782239 Datasheet
72Kb / 4P
   Printed-circuit board connector - MC 1,5/12-GF-3,81 P14THRR72
1817848 PHOENIX-1817848 Datasheet
100Kb / 4P
   Printed-circuit board connector - MC 1,5/ 6-GF-3,81-LR
1782213 PHOENIX-1782213 Datasheet
72Kb / 4P
   Printed-circuit board connector - MC 1,5/10-GF-3,81 P14THRR72
1781939 PHOENIX-1781939 Datasheet
72Kb / 4P
   Printed-circuit board connector - MC 1,5/ 4-GF-3,81 P26THRR56
1781971 PHOENIX-1781971 Datasheet
72Kb / 4P
   Printed-circuit board connector - MC 1,5/ 8-GF-3,81 P26THRR56
1781984 PHOENIX-1781984 Datasheet
72Kb / 4P
   Printed-circuit board connector - MC 1,5/ 9-GF-3,81 P26THRR72
1782174 PHOENIX-1782174 Datasheet
72Kb / 4P
   Printed-circuit board connector - MC 1,5/ 6-GF-3,81 P14THRR56
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com