Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1827910 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1827910
Description  Base strip - MC 1,5/ 7-GF-3,81
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1827910 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  1827910 Datasheet HTML 1Page - PHOENIX CONTACT 1827910 Datasheet HTML 2Page - PHOENIX CONTACT 1827910 Datasheet HTML 3Page - PHOENIX CONTACT 1827910 Datasheet HTML 4Page - PHOENIX CONTACT 1827910 Datasheet HTML 5Page - PHOENIX CONTACT 1827910 Datasheet HTML 6Page - PHOENIX CONTACT 1827910 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/1827910
19.10.2012   Page 6 / 7
Base strip - MC 1,5/ 7-GF-3,81 - 1827910
Accessories
Printed-circuit board connector - FK-MCP 1,5/ 7-STF-3,81 - 1851287
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 7, Pitch: 3.81 mm,
Connection method: Spring-cage conn., Color: green, Contact surface: Tin
 
 
Printed-circuit board connector - FRONT-MC 1,5/ 7-STF-3,81 - 1850903
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 7, Pitch: 3.81 mm,
Connection method: Screw connection, Color: green, Contact surface: Tin
 
 
Printed-circuit board connector - MCVR 1,5/ 7-STF-3,81 - 1828391
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 7, Pitch: 3.81 mm,
Connection method: Screw connection, Color: green, Contact surface: Tin
 
 
Printed-circuit board connector - MC 1,5/ 7-STF-3,81 - 1827758
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 7, Pitch: 3.81 mm,
Connection method: Screw connection, Color: green, Contact surface: Tin
 
 
Drawings
Drilling diagram
a
1,2
4,5
7,1
Dimensioned drawing
a
a+14,2
3,81
4,5
18,7
9,2
8
7,1


Similar Part No. - 1827910

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1827910 PHOENIX-1827910 Datasheet
158Kb / 6P
   MC 1,5/ 7-STF-3,81
1827910 PHOENIX-1827910 Datasheet
136Kb / 5P
   QC 0,5/ 7-STF-3,81
More results

Similar Description - 1827910

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1892958 PHOENIX-1892958 Datasheet
57Kb / 4P
   Base strip - MC 1,5/ 7-GF-3,81 AU
1827981 PHOENIX-1827981 Datasheet
103Kb / 7P
   Base strip - MC 1,5/14-GF-3,81
1848436 PHOENIX-1848436 Datasheet
91Kb / 5P
   Base strip - MC 1,5/19-GF-3,81
1827936 PHOENIX-1827936 Datasheet
105Kb / 7P
   Base strip - MC 1,5/ 9-GF-3,81
1909139 PHOENIX-1909139 Datasheet
86Kb / 5P
   Base strip - MC 1,5/12-GF-3,81 THT
1909113 PHOENIX-1909113 Datasheet
86Kb / 5P
   Base strip - MC 1,5/10-GF-3,81 THT
1898525 PHOENIX-1898525 Datasheet
57Kb / 4P
   Base strip - MC 1,5/16-GF-3,81 AU
1909100 PHOENIX-1909100 Datasheet
86Kb / 5P
   Base strip - MC 1,5/ 9-GF-3,81 THT
1909126 PHOENIX-1909126 Datasheet
86Kb / 5P
   Base strip - MC 1,5/11-GF-3,81 THT
1829468 PHOENIX-1829468 Datasheet
87Kb / 5P
   Base strip - DFK-MC 1,5/15-GF-3,81
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com