Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V131NA34 Datasheet(PDF) 1 Page - Littelfuse

Part No. V131NA34
Description  Varistor Products - High Energy Industrial Square Disc
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V131NA34 Datasheet(HTML) 1 Page - Littelfuse

  V131NA34 Datasheet HTML 1Page - Littelfuse V131NA34 Datasheet HTML 2Page - Littelfuse V131NA34 Datasheet HTML 3Page - Littelfuse V131NA34 Datasheet HTML 4Page - Littelfuse V131NA34 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
122
www .littelfuse .com
Varistor Products
High Energy Industrial Square Disc
NA Varistor Series
The NA Series of transient surge suppressors are varistors (MOVs) in
square disc form, intended for special industrial high-energy applications
requiring unique electrical contact or packaging methods provided by the
customer. The electrode finish of these devices is solderable and can
also be used with pressure contacts. Discs may also be stacked.
The NA Series varistor is a square 34mm device, with thicknesses
ranging from 1.7mm minimum for the 250V device to 7.5mm maximum
for the 750V device. For information on mounting considerations refer to
Application Note AN8820.
This disc is also available with encapsulation and PCB leads. See
Littelfuse HB34 Sales.
Features
• Provided in Disc Form for Unique Packaging by Customer
• Solderable Electrode Finish.
• Pressure Contacts and/or Disc Stacking may be Utilized
• Wide Operating Voltage Range
VM(AC)RMS .................................. .250V to 750V
• Peak Pulse Current Capability (ITM). .................. .40,000A
• High Energy Capability (WTM). .................. .370J to 1050J
• No Derating Up to 8oC Ambient
ALSO SEE HB34 SERIES


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn