Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V131NA34 Datasheet(PDF) 5 Page - Littelfuse

Part No. V131NA34
Description  Varistor Products - High Energy Industrial Square Disc
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V131NA34 Datasheet(HTML) 5 Page - Littelfuse

  V131NA34 Datasheet HTML 1Page - Littelfuse V131NA34 Datasheet HTML 2Page - Littelfuse V131NA34 Datasheet HTML 3Page - Littelfuse V131NA34 Datasheet HTML 4Page - Littelfuse V131NA34 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
126
www .littelfuse .com
Varistor Products
NA Varistor Series
Passivation Layer
The standard NA Series is supplied with passivation layer around the
outside perimeter of the disc forming an electrical insulator as detailed in
the dimensional drawing.
Encapsulated Recommendations
After lead attachment, the disc/lead assembly may be coated or
encapsulated in a package to provide electrical insulation and isolation
from environmental contamination as required by the application.
Coating/Filler materials for containers may include silicones,
polyurethanes, and some epoxy resins. Two examples of acceptable
polyurethanes are Dexter Hysol (US7013, parts A and B) and Rhenatech
(resin 4714, hardener 4900), or their equivalents. Materials containing
halogens, sulfides, or alkalines are not recommended.
Electrode Metallization
The NA Series is supplied with a sintered silver metallization for the
electrode finish. The silver metallization is typically used for solder reflow
lead attach operations (I-R, Vapour-Phase).
The recommended temperature profile of a belt-fed convection oven is
shown in Figure 6.
Stacking and Contact Pressure
Recommendations
When applications require the stacking of Littelfuse NA discs or when
electrical connection is made by pressure contacts, the minimum pres-
sure applied to the disc electrode surface should be 2.2kGs (5 pounds).
The maximum recommended pressure applied to the disc electrode is
16N/CM2 (23LBs/IN2).
Packaging and Shipping
The NA Series is supplied in bulk for shipment. Discs are packaged in
compartmentalized cartons to protect from scratching or edge-chipping
during shipment.
250
200
150
100
50
0
0
100
200
300
400
500
600
700
800
900
TIME (SEC)
FIGURE 6. TYPICAL BELT OVEN TEMPERATURE PROFILE
Ordering Information
VARISTOR DESIGNATOR
MAX AC RMS WORKING VOLTAGE
(FIRST SIGNIFICANT DIGITS) VM(AC)
DISC SIZE (mm)
SERIES DESIGNATOR
VM(AC) VOLTAGE DECADE MULTIPLIER
V 25 1 NA 34
High Energy Industrial Square Disc


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn