Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V131NA34 Datasheet(PDF) 3 Page - Littelfuse

Part No. V131NA34
Description  Varistor Products - High Energy Industrial Square Disc
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V131NA34 Datasheet(HTML) 3 Page - Littelfuse

  V131NA34 Datasheet HTML 1Page - Littelfuse V131NA34 Datasheet HTML 2Page - Littelfuse V131NA34 Datasheet HTML 3Page - Littelfuse V131NA34 Datasheet HTML 4Page - Littelfuse V131NA34 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
124
www .littelfuse .com
Varistor Products
NA Varistor Series
High Energy Industrial Square Disc
Power Dissipation Ratings
Should transients occur in rapid succession, the average power
dissipation required is simply the energy (watt-seconds) per pulse times
the number of pulses per second. The power so developed must be
within the specifications shown on the Device Ratings and Specifications
table for the specific device. The operating values must be derated as
shown in Figure 1.
Transient V-I Characteristics Curves
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100
110 120
130 140
150
AMBIENT TEMPERATURE ( oC)
FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM
100
90
50
10
O1
T
T1
T2
TIME
O1 = Virtual Origin of Wave
T = Time From 10% to 90% of Peak
T1 = Virtual Front time = 1.25 • t
T2 = Virtual Time to Half Value (Impulse Duration)
Example: For an 8/20µs Current Waveform:
8µs = T1 = Virtual Front Time
20µs = T2 = Virtual Time to Half Value
FIGURE 3. CLAMPING VOLTAGE FOR V131NA34 - V751NA34
10000
1000
100
CURRENT (A)
V751NA34
V131NA34
V321NA34
V511NA34
V481NA34
V571NA34
V661NA34
TA = -55
oC TO 85oC
MAXIMUM CLAMPING VOLTAGE
VARISTOR SIZE 34mm
130 TO 750 VM(AC) RATING
V271NA34
V251NA34
V151NA34
V421NA34
-5
-4
1E-3
0.01
0.1
1
10
100
1,000
10,000
100,000


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn