Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V131HB34 Datasheet(PDF) 4 Page - Littelfuse

Part No. V131HB34
Description  Varistor Products - High Energy Industrial
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V131HB34 Datasheet(HTML) 4 Page - Littelfuse

  V131HB34 Datasheet HTML 1Page - Littelfuse V131HB34 Datasheet HTML 2Page - Littelfuse V131HB34 Datasheet HTML 3Page - Littelfuse V131HB34 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
High Energy Industrial
HB34 Varistor Series
Varistor Products
88
www .littelfuse .com
Ordering Information
FIGURE 4. SURGE CURRENT RATING CURVES FOR
V131HB34 - V751HB34
DISC SIZE 34mm
V131HB34 - V751HB34
50,000
20,000
10,000
5,000
2,000
1,000
500
200
100
50
20
10
20
100
1,000
10,000
IMPULSE DURATION (
µs)
10
1
INDEFINITE
105
102
2
103
104
106
NOTE: If pulse ratings are exceeded, a shift of VN(DC) (at specified current) of more than ±10% could result. This type of shift, which normally results in a decrease of VN(DC),
may result in the device not meeting the original published specifications, but it does not prevent the device from continuing to function, and to provide ample protection.
Pulse Rating Curves
Mechanical Dimensions
NOTE: Dimension in mm is typical, unless otherwise specified.
37.0 MAX
49.5
MAX
22.0
±1.0
6.0
±0.1
0.55
S
44.5
MAX
2.5 TO
5.0
T
±0.1
2.30
±0.2
TABLE OF DIMENSIONS -
THICKNESS AND TERMINAL OFFSETS
PART TYPE
T
BODY THICKNESS
(MAXIMUM)
S
MOUNTING TERMINAL
OFFSET
V131HB34
5.7
5.50
±0.65
V151HB34
5.9
5.90
±0.65
V251HB34
6.1
6.25
±0.65
V271HB34
6.4
6.50
±0.65
V321HB34
6.9
6.90
±0.65
V421HB34
7.8
7.85
±0.85
V481HB34
8.3
8.25
±1.00
V511HB34
8.8
8.60
±1.00
V571HB34
9.4
8.85
±1.5
V661HB34
10.2
9.65
±1.5
V751HB34
10.7
10.65
±1.5
VARISTOR DESIGNATOR
MAX AC RMS WORKING VOLTAGE
(FIRST SIGNIFICANT DIGITS) VM(AC)
DISC SIZE (mm)
SERIES DESIGNATOR
VM(AC) VOLTAGE DECADE MULTIPLIER
V 25 1 HB 34
Next
Previous


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn