Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V130PA20A Datasheet(PDF) 4 Page - Littelfuse

Part # V130PA20A
Description  Varistor Products - Base Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V130PA20A Datasheet(HTML) 4 Page - Littelfuse

  V130PA20A Datasheet HTML 1Page - Littelfuse V130PA20A Datasheet HTML 2Page - Littelfuse V130PA20A Datasheet HTML 3Page - Littelfuse V130PA20A Datasheet HTML 4Page - Littelfuse V130PA20A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
135
www .littelfuse .com
Varistor Products
2
Base Mount
PA Varistor Series
Pulse Rating Curves
Mechanical Dimensions
FIGURE 5. SURGE CURRENT RATING CURVES FOR
V130PA20A - V320PA40C
FIGURE 6. SURGE CURRENT RATING CURVES FOR
V420PA40A - V660PA100C
10,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION ( µs)
1
2
104
105
106
DISC SIZE 20mm
V130PA20A -V320PA40C
103
INDEFINITE
1,000
102
10
5,000
1
10,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION ( µs)
1
2
104
105
106
DISC SIZE 20mm
V420PA40A -V660PA100C
103
INDEFINITE
1,000
102
10
5,000
1
NOTE: If pulse ratings are exceeded, a shift of VN(DC) (at specified current) of more than ±10% could result.This type of shift, which normally results in a decrease of VN(DC),
may result in the device not meeting the original published specifications, but it does not prevent the device from continuing to function, and to provide transient protection
NOTES:
1. Tab is designed to fit 1/4” quick-connect terminal.
2. Case temperature is measured at TC on top surface of base
plate.
3. H1 (130-150VRMS devices).
H2 (250-320VRMS devices).
H3 (420-660VRMS devices).
4. Electrical connection: top terminal and base plate.
5. Typical weight: 30g.
D
Q
S
F
C
B
ØP
2 HOLES
ØD1
T
TC
H1, 2, 3
J
h
E
b
b3
ØT
TAB
b2
A
SEATING
PLANE
SYM-
BOL
MILLIMETERS
INCHES
NOTES
MIN
NOM
MAX
MIN
NOM
MAX
A
-
-
14.3
-
-
0.570
-
b
-
-
6.6
-
-
0.260
1
b2
3.94
4.06
4.18 0.155
0.160
0.165
-
b3
3.05
3.17
3.29 0.120
0.125
0.130
-
B
-
-
12.9
-
-
0.510
-
C
-
-
6.6
-
-
0.260
-
D
-
-
66.3
-
-
2.610
-
ØD1
-
-
33.5
-
-
1.320
-
E
-
11.2
-
-
0.440
-
-
F
7.50
7.62
7.75 0.295
0.300
0.305
-
h
-
0.8
1.0
-
0.030
0.040
-
H1
-
-
25.6
-
-
1.010
3
H2
-
-
28.3
-
-
1.120
3
H3
-
-
32.8
-
-
1.290
3
J
-
-
8.1
-
-
0.320
-
ØP
5.6
-
6.0
0.220
-
0.240
-
Q
50.6
50.8
51.0
1.990
2.000
2.010
-
S
18.4
19.2
20.0
0.72
0.75
0.78
-
T
-
-
1.0
-
-
0.040
-
ØT
2.8
-
-
0.110
-
-
-
TC
-
3.2
-
-
0.126
-
2


Similar Part No. - V130PA20A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
V130PA20A NJSEMI-V130PA20A Datasheet
78Kb / 2P
   RATINGS AND CHARACTERISTICS TABLE
More results

Similar Description - V130PA20A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
V360CH8T LITTELFUSE-V360CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V120CH8T LITTELFUSE-V120CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V22CH8T LITTELFUSE-V22CH8T Datasheet
850Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V39CH8T LITTELFUSE-V39CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com