Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V130LA1P Datasheet(PDF) 10 Page - Littelfuse

Part No. V130LA1P
Description  Varistor Products - Line Voltage Operation, Radial Lead
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V130LA1P Datasheet(HTML) 10 Page - Littelfuse

Back Button V130LA1P Datasheet HTML 3Page - Littelfuse V130LA1P Datasheet HTML 4Page - Littelfuse V130LA1P Datasheet HTML 5Page - Littelfuse V130LA1P Datasheet HTML 6Page - Littelfuse V130LA1P Datasheet HTML 7Page - Littelfuse V130LA1P Datasheet HTML 8Page - Littelfuse V130LA1P Datasheet HTML 9Page - Littelfuse V130LA1P Datasheet HTML 10Page - Littelfuse V130LA1P Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
65
www .littelfuse .com
2
Varistor Products
Line Voltage Operation, Radial Lead
LA Varistor Series
Tape and Reel Ordering Information
Crimped leads are standard on LA types supplied in tape and reel and
are denoted by the model letter “T”. Model letter “S” denotes straight
leads and letter “U” denotes special under-crimped leads.
Example:
STANDARD
MODEL
CRIMPED
LEADS
STRAIGHT
LEADS
UNDER-
CRIMPED
LEADS
V130LA2
V130LT2
V130LS2
V130LU2
Standard Bulk Pack Quantity
SYMBOL
VOLTAGE
MODEL
VARISTOR MODEL SIZE
7mm
10mm
14mm
20mm
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
V130LA-
V320LA
-
-
12
(0.472)
-
-
16
(0.630)
-
-
20
(0.787)
-
-
26.5
(1.043)
V385LA-
V1000LA
-
-
13
(0.0512)
-
-
17
(0.689)
-
-
20.5
(0.807)
-
-
28
(1.102)
øD
All
-
-
9 (0.354)
-
-
12.5
(0.492)
-
-
17
(0.669)
-
-
23
(0.906)
e
All
4 (0.157) 6 (0.236)
6.5
(0.256)
8.5
(0.335)
6.5
(0.256)
8.5
(0.335)
6.5
(0.256)
(Note 2)
8.5
(0.335)
(Note 2)
e1
V130LA-
V320LA
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
V385A-
V1000LA
2.5
(0.098)
5.5
(0.217)
2.5
(0.098)
5.5
(0.217)
2.5
(0.098)
5.5
(0.217)
2.5
(0.098)
5.5
(0.217)
E
V130LA-
V320LA
-
-
5.6
(0.220)
-
-
5.6
(0.220)
-
-
5.6
(0.220)
-
-
5.6
(0.220)
V385LA-
V510LA
-
-
7.3
(0.287)
-
-
7.3
(0.287)
-
-
7.3
(0.287)
-
-
7.3
(0.287)
V1000LA
-
-
-
-
-
-
-
-
-
-
10.8
(0.425)
-
-
10.8
(0.425)
øb
All
(Note 3)
0.585
(0.023)
0.685
(0.027)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
(Note 2)
0.86
(0.034)
(Note 2)
NOTES:
1. Dimensions in millimeters, inches in parentheses.
2. 10mm (9mm min, 11mm Max) ALSO AVAILABLE; See Additional Lead Style Options
3. 1000V parts supplied with lead wire of diameter 1.00
± 0.05 (0.039 ± 0.002).
V550LA-
V660LA
-
-
8.3
(0.327)
-
-
8.3
(0.327)
-
-
8.3
(0.327)
-
-
8.3
(0.327)
VARISTOR
VOLTAGE
MODEL
STANDARD BULK PACK QUANTITY
VARISTOR MODEL SIZE
7mm
10mm
14mm
20mm
130-275
1500
1000
700
500
300-460
1500
700
600
400
510-625
1500
700
500
400
Pb
RoHS


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn