Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V111HB34 Datasheet(PDF) 5 Page - Littelfuse

Part No. V111HB34
Description  Varistor Products - High Energy Industrial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V111HB34 Datasheet(HTML) 5 Page - Littelfuse

  V111HB34 Datasheet HTML 1Page - Littelfuse V111HB34 Datasheet HTML 2Page - Littelfuse V111HB34 Datasheet HTML 3Page - Littelfuse V111HB34 Datasheet HTML 4Page - Littelfuse V111HB34 Datasheet HTML 5Page - Littelfuse V111HB34 Datasheet HTML 6Page - Littelfuse V111HB34 Datasheet HTML 7Page - Littelfuse V111HB34 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
105
www .littelfuse .com
Varistor Products
2
40,000
MODEL
NUMBER
SIZE
MAXIMUM RATINGS (85 oC)
SPECIFICATIONS (25oC)
CONTINUOUS
TRANSIENT
VARISTOR VOLTAGE
AT 1mA DC TEST
CURRENT
MAXIMUM
CLAMPING
VOLTAGE
(VC) AT 200A
(8/20
µs)
TYPICAL
CAPACI-
TANCE
VRMS
VDC
ENERGY
(2ms)
PEAK
CURRENT
(8/20
µs)
VM(AC)
VM(DC)
W
TM
I
TM
MIN
V
N(DC)
MAX
V
C
f = 1MHz
(mm)
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(V)
(pF)
V131HG34
V141HG34
34
34
130
140
175
188
270
291
40,000
184
198
200
220
228
248
345
375
10,000
V151HG34
34
150
200
300
212
240
268
405
8,000
9,000
V251HG34
34
250
330
370
354
390
429
650
5,000
40,000
V201HG34
34
200
265
350
283
314
345
533
6,350
V271HG34
34
275
370
400
40,000
389
430
473
730
4,500
V321HG34
34
320
420
460
40,000
462
510
561
830
3,800
V331HG34
34
330
435
475
40,000
467
519
570
843
3,750
V351HG34
34
350
460
500
40,000
495
550
604
894
3,600
V331HG34
34
385
510
550
40,000
545
604
663
1,000
3,500
V421HG34
34
420
560
600
40,000
610
680
748
1,130
3,000
V481HG34
34
480
640
650
40,000
670
750
825
1,240
2,700
V511HG34
34
510
675
700
40,000
735
820
910
1,350
2,500
V551HG34
34
550
710
755
40,000
778
864
949
1,404
2,390
V571HG34
34
570
730
770
40,000
805
910
1000
1,480
2,200
V661HG34
34
660
850
900
40,000
940
1050
1160
1,720
2,000
V681HG34
34
680
875
925
40,000
962
1068
1173
1,777
1,900
V751HG34
34
750
970
1050
40,000
1080
1200
1320
2,000
1,800
2
V111HG34
34
110
148
220
40,000
156
173
190
288
11,600
5
40,000
3
40,000
4
V181HG34
34
180
240
330
254
282
310
468
6,800
40,000
V301HG34
34
300
410
430
40,000
433
478
526
780
4,100
NOTE:
1. Average power dissipation of transients not to exceed 2.0W per varistor
2. 40kA capability depends on applications rated up to 115V
. 30kA applies if > 115 V
.
3. 40kA capability depends on applications rated up to 123V
. 30kA applies if > 123 V
.
4. 40kA capability depends on applications rated up to 132V
. 30kA applies if > 132 V
.
5. 40kA capability depends on applications rated up to 97V
30kA applies if > 97 V
.
Device Ratings and Specifications
RMS
RMS
RMS
RMS
RMS
RMS
RMS
RMS
V441HG34
34
440
587
620
40,000
622
691
759
1,150
2,900
High Energy Industrial
HB34, HF34 and HG34 Varistor Series


Similar Part No. - V111HB34

ManufacturerPart No.DatasheetDescription
Littelfuse
Littelfuse
V111HB34 LITTELFUSE-V111HB34 Datasheet
605Kb / 8P
   Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
More results

Similar Description - V111HB34

ManufacturerPart No.DatasheetDescription
Littelfuse
Littelfuse
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
   Varistor Products - High Energy Industrial
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
   Varistor Products - High Energy Industrial
V131BA60 LITTELFUSE-V131BA60 Datasheet
212Kb / 5P
   Varistor Products - High Energy Industrial
V131HB34 LITTELFUSE-V131HB34 Datasheet
179Kb / 4P
   Varistor Products - High Energy Industrial
V131CA32 LITTELFUSE-V131CA32 Datasheet
106Kb / 8P
   Varistor Products - High Energy Industrial Disc
V131NA34 LITTELFUSE-V131NA34 Datasheet
89Kb / 5P
   Varistor Products - High Energy Industrial Square Disc
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz