Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V111HB34 Datasheet(PDF) 2 Page - Littelfuse

Part No. V111HB34
Description  Varistor Products - High Energy Industrial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V111HB34 Datasheet(HTML) 2 Page - Littelfuse

  V111HB34 Datasheet HTML 1Page - Littelfuse V111HB34 Datasheet HTML 2Page - Littelfuse V111HB34 Datasheet HTML 3Page - Littelfuse V111HB34 Datasheet HTML 4Page - Littelfuse V111HB34 Datasheet HTML 5Page - Littelfuse V111HB34 Datasheet HTML 6Page - Littelfuse V111HB34 Datasheet HTML 7Page - Littelfuse V111HB34 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
102
www .littelfuse .com
Varistor Products
High Energy Industrial
HB34, HF34 and HG34 Varistor Series
Absolute Maximum Ratings For ratings of individual members of a series, see Device Ratings and Specifications chart
Continuous:
Steady State Applied Voltage:
AC Voltage Range (VM(AC)RMS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110 to 750
V
DC Voltage Range (VM(DC)) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 148 to 970
V
Transient:
Peak Pulse Current (ITM)
For 8/20µs Current Wave (See Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40,000
A
Single Pulse Energy Range
For 2ms Current Square Wave (WTM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220 to 1050
J
Operating Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 85
O
C
Storage Temperature Range (TSTG). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 125
O
C
Temperature Coefficient (αV) of Clamping Voltage (VC) at Specified Test Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <0.01
%/OC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device
at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Device Ratings and Specifications
Hx34 SERIES
UNITS
MODEL
NUMBER
SIZE
MAXIMUM RATINGS (85 oC)
SPECIFICATIONS (25oC)
CONTINUOUS
TRANSIENT
VARISTOR VOLTAGE
AT 1mA DC TEST
CURRENT
MAXIMUM
CLAMPING
VOLTAGE
(VC) AT 200A
(8/20µs)
TYPICAL
CAPACI-
TANCE
VRMS
VDC
ENERGY
(2ms)
PEAK
CURRENT
(8/20µs)
VM(AC)
VM(DC)
WTM
ITM
MIN
VN(DC)
MAX
VC
f = 1MHz
(mm)
(V)
(V)
(V)
(A)
(V)
(V)
(V)
(V)
(pF)
V131HB34
V111HB34
34
34
34
130
110
140
175
148
188
270
220
291
40,000
184
156
198
200
173
220
228
190
248
345
288
375
9,000
10,000
11,600
V151HB34
34
150
200
300
40,000
212
240
268
405
8,000
V251HB34
34
250
330
370
40,000
354
390
429
650
5,000
V201HB34
34
200
265
350
40,000
283
314
345
533
6,350
V271HB34
V301HB34
34
34
275
300
370
410
400
430
40,000
40,000
389
433
430
478
473
526
730
780
4,500
4,100
V321HB34
34
320
420
460
40,000
462
510
561
830
3,800
V331HB34
34
330
435
475
40,000
467
519
570
843
3,750
V351HB34
34
350
460
500
40,000
495
550
604
894
3,600
NOTE: Average power dissipation of transients not to exceed 2.0W.
1. Peak current applies to applications rated up to 115 V
. Peak current is 30kA for applications greater than 115V
.
2. Peak current applies to applications rated up to 123V
. Peak Current is 30kA for applications greater than 123V
.
3. Peak current applies to applications rated up to 132V
. Peak Current is 30kA for applications greater than 132V
.
4. Peak current applies to applications rated up to 97V
. Peak Current is 30kA for applications greater than 97V
.
5. 40kA capability depends on applications rated up to 97Vrms. 30kA applies if >97 Vrms.
RMS
RMS
RMS
RMS
1
40,000
5
40,000
2
RMS
RMS
RMS
RMS
4
V181HB34
34
180
240
330
40,000
254
282
310
468
6,800
V141HB34


Similar Part No. - V111HB34

ManufacturerPart No.DatasheetDescription
Littelfuse
Littelfuse
V111HB34 LITTELFUSE-V111HB34 Datasheet
605Kb / 8P
   Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
More results

Similar Description - V111HB34

ManufacturerPart No.DatasheetDescription
Littelfuse
Littelfuse
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
   Varistor Products - High Energy Industrial
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
   Varistor Products - High Energy Industrial
V131BA60 LITTELFUSE-V131BA60 Datasheet
212Kb / 5P
   Varistor Products - High Energy Industrial
V131HB34 LITTELFUSE-V131HB34 Datasheet
179Kb / 4P
   Varistor Products - High Energy Industrial
V131CA32 LITTELFUSE-V131CA32 Datasheet
106Kb / 8P
   Varistor Products - High Energy Industrial Disc
V131NA34 LITTELFUSE-V131NA34 Datasheet
89Kb / 5P
   Varistor Products - High Energy Industrial Square Disc
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz