Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V12ZA1P Datasheet(PDF) 3 Page - Littelfuse

Part # V12ZA1P
Description  Varistor Products - Low to Medum Voltage, Radial Lead
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V12ZA1P Datasheet(HTML) 3 Page - Littelfuse

  V12ZA1P Datasheet HTML 1Page - Littelfuse V12ZA1P Datasheet HTML 2Page - Littelfuse V12ZA1P Datasheet HTML 3Page - Littelfuse V12ZA1P Datasheet HTML 4Page - Littelfuse V12ZA1P Datasheet HTML 5Page - Littelfuse V12ZA1P Datasheet HTML 6Page - Littelfuse V12ZA1P Datasheet HTML 7Page - Littelfuse V12ZA1P Datasheet HTML 8Page - Littelfuse V12ZA1P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
69
www .littelfuse .com
2
Varistor Products
Low to Medum Voltage, Radial Lead
ZA Varistor Series
Device Ratings and Specifications (Note 1) (Continued)
V33ZA05
5
Z33
20
26
0.3
100
29.5
38
65
1
500
V33ZA1
7
33Z1
20
26
1.2
250
29.5
36.5
65
2.5
1100
V33ZA2
10
33Z2
20
26
3
500
29.5
36.5
65
5
2700
V33ZA5
14
33Z5
20
26
6
1000
29.5
36.5
65
10
6000
V33ZA70
20
33Z70
21
27
150 (Note 2)
2000
29.5
(Note 3)
36.5
58
20
13000
V36ZA80
20
36Z80
23
31
160 (Note 2)
2000
32
(Note 3)
40
63
20
12000
V39ZA05
5
Z39
25
31
0.3
100
35
46
79
1
500
V39ZA1
7
39Z1
25
31
1.2
250
35
43
79
2.5
1100
V39ZA3
10
39Z3
25
31
3
500
35
43
76
5
2700
V39ZA6
14
39Z6
25
31
6
1000
35
43
76
10
6000
V39ZA20
20
39Z20
25
31
20
2000
35
43
76
20
12000
V47ZA05
5
Z47
30
38
0.4
100
42
55
93
1
400
V47ZA1
7
47Z1
30
38
1.8
250
42
52
93
2.5
800
V47ZA3
10
47Z3
30
38
4.5
500
42
52
93
5
2000
V47ZA7
14
47Z7
30
38
8.8
1000
42
52
93
10
4500
V47ZA20
20
47Z20
30
38
23
2000
42
52
93
20
11000
V56ZA05
5
Z56
35
45
0.5
100
50
66
110
1
360
V56ZA2
7
56Z2
35
45
2.3
250
50
62
110
2.5
700
V56ZA3
10
56Z3
35
45
5.5
500
50
62
110
5
1800
V56ZA8
14
56Z8
35
45
10
1000
50
62
110
10
3900
V56ZA20
20
56Z20
35
45
30
2000
50
62
110
20
10000
V68ZA05
5
Z68
40
56
0.6
100
61
80
135
1
300
V68ZA2
7
68Z2
40
56
3
250
61
75
135
2.5
600
V68ZA3
10
68Z3
40
56
6.5
500
61
75
135
5
1500
V68ZA10
14
68Z10
40
56
13
1000
61
75
135
10
3300
V68ZA20
20
68Z20
40
56
33
2000
61
75
135
20
10000
V82ZA05
5
Z82
50
68
2
400
73
97
135
5
240
V82ZA2
7
82Z2
50
68
4
1200
73
91
135
10
500
V82ZA4
10
82Z4
50
68
8
2500
73
91
135
25
1100
V82ZA12
14
82Z12
50
68
15
4500
73
91
145
50
2500
V100ZA05
5
Z100
60
81
2.5
400
90
117
165
5
180
V100ZA3
7
100Z
60
81
5
1200
90
110
165
10
400
V100ZA4
10
100Z4
60
81
10
2500
90
110
165
25
900
V100ZA15
14
100Z15
60
81
20
4500
90
110
175
50
2000
PART
NUMBER
MODEL
SIZE
DISC
DIA. (mm)
BRANDING
MAXIMUM RATING (85 oC)
SPECIFICATIONS (25oC)
CONTINUOUS
TRANSIENT
VARISTOR VOLT-
AGE AT 1mA DC
TEST CURRENT
MAXIMUM
CLAMPING
VOLTAGE
8 x 20
µs
TYPICAL
CAPACI-
TANCE
f = 1MHz
VRMS
VDC
ENERGY 10
x 1000
µs
PEAK
CURRENT
8 x 20
µs
VM(AC)
VM(DC)
WTM
ITM
VNOM
MIN
VNOM
MAX
VC
IPK
C
(V)
(V)
(J)
(A)
(V)
(V)
(A)
(pF)
V33ZA05P
PZ33
V33ZA1P
P33Z1
V33ZA2P
P33Z2
V33ZA5P
P33Z5
V33ZA70P
P33Z70
V36ZA80P
P36Z80
V39ZA05P
PZ39
V39ZA1P
P39Z1
V39ZA3P
P39Z3
V39ZA6P
P39Z6
V39ZA20P
P39Z20
V47ZA05P
PZ47
V47ZA1P
P47Z1
V47ZA3P
P47Z3
V47ZA7P
P47Z7
V47ZA20P
P47Z20
V56ZA05P
PZ56
V56ZA2P
P56Z2
V56ZA3P
P56Z3
V56ZA8P
P56Z8
V56ZA20P
P56Z20
V68ZA05P
PZ68
V68ZA2P
P68Z2
V68ZA3P
P68Z3
V68ZA10P
P68Z10
V68ZA20P
P68Z20
V82ZA05P
PZ82
V82ZA2P
P82Z2
V82ZA4P
P82Z4
V82ZA12P
P82Z12
V100ZA05P
PZ100
V100ZA3P
P100Z
V100ZA4P
P100Z4
V100ZA15P
P100Z15
PART
NUMBER
BRANDING
LEAD-FREE
AND RoHS
COMPLIANT
MODELS
STANDARD
MODELS
Pb
RoHS
See Page 70 for NOTES
Pb
RoHS


Similar Part No. - V12ZA1P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V12ZA1P LITTELFUSE-V12ZA1P Datasheet
825Kb / 13P
   Radial Lead Varistors
V12ZA1P LITTELFUSE-V12ZA1P Datasheet
1Mb / 14P
   ZA Varistor Series
V12ZA1P LITTELFUSE-V12ZA1P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V12ZA1P LITTELFUSE-V12ZA1P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
V12ZA1P LITTELFUSE-V12ZA1P Datasheet
1Mb / 14P
   ZA Varistor Series
More results

Similar Description - V12ZA1P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V33ZS1P LITTELFUSE-V33ZS1P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com