Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V18MA1A Datasheet(PDF) 1 Page - Littelfuse

Part No. V18MA1A
Description  Varistor Products - Axial Lead
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V18MA1A Datasheet(HTML) 1 Page - Littelfuse

  V18MA1A Datasheet HTML 1Page - Littelfuse V18MA1A Datasheet HTML 2Page - Littelfuse V18MA1A Datasheet HTML 3Page - Littelfuse V18MA1A Datasheet HTML 4Page - Littelfuse V18MA1A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
127
www .littelfuse .com
Varistor Products
2
Axial Lead
MA Varistor Series
The MA Series of transient surge suppressors are axial-lead metal-oxide
varistors (MOVs) for use in a wide variety of board level industrial and
commercial electronic equipment. They are intended to protect
components and signal/data lines from low energy transients where the
small axial lead package is required.
The MA Series is offered with standard (S suffix) or tightened (B suffix)
clamping voltage.
See MA Series Device Ratings and Specifications table for part number
and brand information.
Features
• 3mm Diameter Disc Size
• Small Axial Lead Package
• Wide Operating Voltage Range
VM(AC)RMS..................................... .9V to 264V
VM(DC) ....................................... .13V to 365V
• Available in Tape and Reel or Bulk Packaging
• No Derating Up to 85oC Ambient


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn