Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V07E130P Datasheet(PDF) 5 Page - Littelfuse

Part No. V07E130P
Description  Varistor Products - High Surge Current, Radial Lead
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V07E130P Datasheet(HTML) 5 Page - Littelfuse

  V07E130P Datasheet HTML 1Page - Littelfuse V07E130P Datasheet HTML 2Page - Littelfuse V07E130P Datasheet HTML 3Page - Littelfuse V07E130P Datasheet HTML 4Page - Littelfuse V07E130P Datasheet HTML 5Page - Littelfuse V07E130P Datasheet HTML 6Page - Littelfuse V07E130P Datasheet HTML 7Page - Littelfuse V07E130P Datasheet HTML 8Page - Littelfuse V07E130P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
40
www .littelfuse .com
Varistor Products
High Surge Current, Radial Lead
UltraMOVVaristor Series
Transient V-I Characteristic Curves
FIGURE 3.
MODEL SIZE = 7MM
TA = -55
oC TO 85oC
130 to 460V M(AC) RATING
MAXIMUM
LEAKAGE
MAXIMUM CLAMP
VOLTAGE
420
440
460
385
230
250
275
300
320
175
150
140
130
10000
1000
100
10
-6
10-5
10-4
0.001
0.01
0.1
1
10
100
1000
10000
PEAK CURRENT (A)
10000
1000
100
10
-6
10-5
10-4
0.001
0.01
0.1
1
10
100
1000
10000
PEAK CURRENT (A)
10000
1000
100
10
-6
10-5
10-4
0.001
0.01
0.1
1
10
100
1000
10000
PEAK CURRENT (A)
MODEL SIZE = 10MM
TA = -55
oC TO 85oC
130 to 625VM(AC) RATING
MAXIMUM
LEAKAGE
MAXIMUM CLAMP
VOLTAGE
625
460
440
385
230
250
275
300
320
175
150
140
130
420
550
510
FIGURE 3. Clamping Voltage for V7E130(P)- V7E460(P)
FIGURE 4. Clamping Voltage for V10E130(P)- V10E625(P)
Pb
RoHS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn