Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMOV34S111M Datasheet(PDF) 6 Page - Littelfuse

Part No. TMOV34S111M
Description  Varistor Products - High Energy Industrial Thermally Protected
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV34S111M Datasheet(HTML) 6 Page - Littelfuse

  TMOV34S111M Datasheet HTML 1Page - Littelfuse TMOV34S111M Datasheet HTML 2Page - Littelfuse TMOV34S111M Datasheet HTML 3Page - Littelfuse TMOV34S111M Datasheet HTML 4Page - Littelfuse TMOV34S111M Datasheet HTML 5Page - Littelfuse TMOV34S111M Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
100
www .littelfuse .com
Varistor Products
High Energy Industrial Thermally Protected
TMOV34S® Varistor Series
Ordering Information
TMOV
34
S
M
150
DEVICE FAMILY
Littelfuse Thermally Protected MOV
DISC DIAMETER (mm)
34 mm
CERAMIC SHAPE
S: Square
Series Designator
M: 3-Leaded TMOV34S Varistor Series
Supplied in Bulk Pack
VM(AC)RMS
115V to 750V
X2696
Optional Design
5 digit suffix when alternative 3mm
wide monitor lead is required
Standard Parts
Part Number
T max
Body Thickness
S
Mounting Terminal
Offset
TMOV34S111M
11.9
5.2 ±.65
TMOV34S131M
12.2
5.5 ±.65
TMOV34S141M
12.3
5.7 ±0.85
TMOV34S151M
12.4
5.9 ±0.85
TMOV34S181M
12.8
6.3 ±0.85
TMOV34S201M
13.0
6.5 ±0.85
TMOV34S251M
11.8
6.25 ±0.85
TMOV34S271M
12.0
6.5 ±0.85
TMOV34S301M
12.3
6.8 ±1.0
TMOV34S321M
12.5
6.9 ±1.0
TMOV34S331M
13.0
7.2 ±1.0
TMOV34S351M
13.1
7.4 ±1.0
TMOV34S391M
13.2
7.6 ±1.0
TMOV34S421M
13.4
7.85 ±1.0
TMOV34S461M
13.7
8.15 ±1.0
TMOV34S481M
13.9
8.25 ±1.0
TMOV34S511M
14.2
8.6 ±1.0
TMOV34S551M
14.8
8.65 ±1.0
TMOV34S571M
15.0
8.85 ±1.0
TMOV34S621M
15.4
9.25 ±1.0
TMOV34S661M
15.8
9.65 ±1.0
TMOV34S681M
16.0
9.85 ±1.0
TMOV34S751M
16.3
10.65 ±1.0
NOTE:
Dimension in mm is typical, unless
To order alternative design with narrow 3mm monitor
lead(right hand terminal as shown) add suffix X2696 to part number
otherwise specified


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn