Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMOV14R115E Datasheet(PDF) 2 Page - Littelfuse

Part No. TMOV14R115E
Description  Varistor Products - Thermally Protected
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

TMOV14R115E Datasheet(HTML) 2 Page - Littelfuse

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Varistor Products
25
www .littelfuse .com
Thermally Protected
TMOV® and iTMOV® Varistor Series
MAXIMUM RATING (85°C)
SPECIFICATIONS (25°C)
CONTINUOUS
TRANSIENT
AC
VOLTS
ENERGY
2ms
PEAK SURGE
CURRENT
8/20µs
VARISTOR
VOLTAGE AT 1mA
TEST CURRENT
MAXIMUM
CLAMPING
VOLTAGE
8/20µs
TYPICAL
CAPACI-
TANCE
f = 1MHz
VM(AC)RMS
WTM
VN(DC)
MIN
VN(DC)
MAX
VC
IPK
C
PART
NUMBER
(V)
(J)
(V)
(V)
(A)
(pF)
TMOV14R130E
130
50
184
226
340
50
1000
TMOV20R130E
130
100
184
226
340
100
1900
TMOV14R140E
140
55
200
240
360
50
900
TMOV20R140E
140
110
200
240
360
100
1750
TMOV14R150E
150
60
216
264
395
50
800
TMOV20R150E
150
120
216
264
395
100
1600
TMOV14R175E
175
70
243
297
455
50
700
TMOV20R175E
175
135
243
297
455
100
1400
TMOV14R200E
200
75
281
344
530
50
630
TMOV20R200E
200
154
281
344
530
100
1250
TMOV14R250E
250
100
351
429
650
50
500
TMOV20R250E
250
170
351
429
650
100
1000
TMOV14R275E
275
110
387
473
710
50
450
TMOV20R275E
275
190
387
473
710
100
900
DEVICE
MODEL
NUMBER
BRAND-
ING
4T130E
20T130E
4T140E
20T140E
4T150E
20T150E
4T175E
20T175E
4T200E
20T200E
4T250E
20T250E
4T275E
20T275E
(mm)
DISC
DIA-
METER
14
20
14
20
14
20
14
20
14
20
14
20
14
20
SUPPRESSED
VOLTAGE
RATING
UL 1449
TABLE 60.1
(V)
400
400
500
400
500
400
700
700
700
700
800
700
900
700
ITM
2 x PULSE
(A)
4500
6500
4500
6500
4500
6500
4500
6500
4500
6500
4500
6500
4500
6500
ITM
1 x PULSE
(A)
6000
10000
6000
10000
6000
10000
6000
10000
6000
10000
6000
10000
6000
10000
TMOV14R115E
TMOV20R115E
4T115E
20T115E
14
20
115
300
115
300
35
52
6000
4500
10000
6500
162
198
162
198
50
100
300
1100
300
2400
TMOV14R230E
230
80
324
396
595
50
550
TMOV20R230E
230
160
324
396
595
100
1100
4T230E
20T230E
14
20
700
700
4500
6500
6000
10000
TMOV14R300E
300
125
423
517
775
50
400
TMOV20R300E
300
250
423
517
775
100
800
4T300E
20T300E
14
20
900
900
4500
6500
6000
10000
Absolute Maximum Ratings For ratings of individual members of a series, see Device Ratings and Specifications chart
Continuous:
Steady State Applied Voltage:
AC Voltage Range (VM(AC)RMS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115 to 750
V
Transient:
Peak Pulse Current (ITM)
For 8x20µs Current Wave, single pulse . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6000 to 10,000
A
Single-Pulse Energy Capability
For 2ms Current Wave . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 to 480
J
Operating Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 85oC
Storage Temperature Range (TSTG). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55 to 125oC
Temperature Coefficient (
αV) of Clamping Voltage (VC) at Specified Test Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <0.01
%/oC
Hi-Pot Encapsulation (Isolation Voltage Capability) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2500
V
Thermal Protection Isolation Voltage Capability (when operated) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600
V
Insulation Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1,000
M
Indicator Lead Rating (Lead-3 - iTMOV varistor only):
Continuous RMS current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100
mA
Surge Current, 8/20µs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10,000
A
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device
at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Device Ratings and Specifications - TMOV Varistor Series
TMOV and iTMOV Varistor Series - Absolute Maximum Ratings
TMOV / iTMOV Varistor
UNITS
NOTE: For 14mm devices with a voltage rating greater than 420V, please contact factory regarding availability.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn