Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1884-ND Datasheet(PDF) 1 Page - Littelfuse

Part # F1884-ND
Description  Fuse Blocks and Clips - For 3AG Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

F1884-ND Datasheet(HTML) 1 Page - Littelfuse

  F1884-ND Datasheet HTML 1Page - Littelfuse F1884-ND Datasheet HTML 2Page - Littelfuse F1884-ND Datasheet HTML 3Page - Littelfuse F1884-ND Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Fuse Blocks and Clips
488
www .littelfuse .com
For 3AG Fuses
3AG Screw Terminal Laminated Base Type
A
D
B
ONE POLE
C = Board Thickness E = Overall Height
356 000, 359 000 and 556 000 Series
APPROVALS:1 356 000 Series (250V) Recognized under the
Components Program of Underwriters Laboratories.
SPECIFICATIONS:
Electrical: Rated for currents up to 15 amperes (units with spring brass
clips) or up to 30 amperes (beryllium copper clips).
Clips: 356 000 Series: Nickel-plated spring brass.
359 000 Series: Silver-plated beryllium copper.
Terminals: 8-32THD screw type.
Base: Black phenolic laminate.
Mounting Hole: 3AG Block: Reference Dimensions
.142"/.147" diameter with .295"/.302"
x 82°C.S.
REFERENCE DIMENSIONS:
ORDERING INFORMATION:
(Including Reference Dimensions)
For 3AG Fuses
No. of
Dimension
Poles
“A”
Catalog Number
1
.78"
356 001
359 001
2
1.69"
356 002
359 002
3
2.59"
356 003
359 003
4
3.50"
356 004
359 004
5
4.41"
356 005
359 005
6
5.31"
356 006
359 006
7
6.21"
356 007
359 007
8
7.12"
356 008
359 008
9
8.03"
356 009
359 009
10
8.94"
356 010
359 010
11
9.84"
356 011
359 011
12
10.75"
356 012
359 012
®
Fuse Type
ABCD
E
3AG
See
2.38"
.25"
.91"
.73"
For 1/4" 13/16" Diameter Fuses Rivet/Eyelet Mount Type
C
D
H, HOLE DIA.
A
B
C
D
H, HOLE DIA.
A
B
Earless Clip
(without fuse stops)
Ear Clip
(with fuse stops)
† See Ordering Information below.
For 1/4" Diameter Fuses Rivet/Eyelet Mount Solder Type
D
H, HOLE DIA.
.09" X .16"
HOLE
A
B
C
B
Straight Type, Solder Lug
45° Angle Type, Solder Lug
ORDERING INFORMATION:
Catalog Number
Spring Brass
Beryllium Copper
Fuse
Style
Fuse Type
Nickel-plated
Silver-plated
Diameter
A
B
C
D
H Diameter
† Ear
3AG
101 001
121 001
1/4"
.48"
.31"
.30"
.16"
.131"
Midget
105 001
125 001
13/32"
.75"
.44"
.52"
.22"
.196"
NEC 1–30 amp
107 001
127 001
9/16"
.
94"
.59"
.65"
.25"
.203"
NEC 30–60 amp
109 001**
129 001
13/16"
1.31"
.75"
.87"
.30"
.265"
† Earless
3AG
101 002
121 002
1/4"
.48"
.31"
.30"
.16"
.131"
Midget
105 002
125 002
13/32"
.75"
.44"
.52"
.22"
.196"
NEC 1–30 amp
107 002
127 002
9/16"
.94"
.59"
.65"
.25"
.203"
NEC 30–60 amp
109 002**
129 002
13/16"
1.31"
.75"
.87"
.30"
.265"
Solder Lug 45°
3AG
101 003*
121 004
1/4"
.47"
.56"
.31"
.16"
.131"
Solder Lug Straight
3AG
102 064*
1/4"
.47"
.64"
.31"
.16"
.131"
*Tin-plated
**Bare Phos. Bronze
Pb
RoHS
Pb
RoHS
Pb
RoHS


Similar Part No. - F1884-ND

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F1888-ND LITTELFUSE-F1888-ND Datasheet
59Kb / 1P
   For ATO Fuses In-Line Type
More results

Similar Description - F1884-ND

ManufacturerPart #DatasheetDescription
logo
Littelfuse
354 LITTELFUSE-354 Datasheet
100Kb / 1P
   Fuse Blocks and Clips - For 3AG Fuses
254 LITTELFUSE-254 Datasheet
102Kb / 1P
   Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
354001-GY LITTELFUSE-354001-GY Datasheet
703Kb / 1P
   Fuse Blocks and Clips
154062 LITTELFUSE-154062 Datasheet
153Kb / 1P
   FUSE BLOCKS AND CLIPS
354000 LITTELFUSE-354000 Datasheet
99Kb / 1P
   Fuse Blocks and Clips
01110005MR LITTELFUSE-01110005MR Datasheet
136Kb / 1P
   Fuse Blocks and Clips
01000058Z LITTELFUSE-01000058Z Datasheet
303Kb / 4P
   Fuse Blocks and Clips
L60030M-1C LITTELFUSE-L60030M-1C Datasheet
122Kb / 1P
   Fuse Blocks and Clips - For 1 1/2 Long Midget Fuses
124 LITTELFUSE-124 Datasheet
367Kb / 2P
   High Current Cartridge Fuse Clips 124 Series > For For 10x38mm & 3AG/3AB Fuses
Revised: BA.08/24/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com