Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4008L Datasheet(PDF) 9 Page - Littelfuse

Part # S4008L
Description  SCRs (1 A to 70 A)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4008L Datasheet(HTML) 9 Page - Littelfuse

Back Button S4008L Datasheet HTML 4Page - Littelfuse S4008L Datasheet HTML 5Page - Littelfuse S4008L Datasheet HTML 6Page - Littelfuse S4008L Datasheet HTML 7Page - Littelfuse S4008L Datasheet HTML 8Page - Littelfuse S4008L Datasheet HTML 9Page - Littelfuse S4008L Datasheet HTML 10Page - Littelfuse S4008L Datasheet HTML 11Page - Littelfuse S4008L Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheets
SCRs
©2004 Littelfuse, Inc.
E6 - 9
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E6.13 Maximum Allowable Case Temperature versus
Average On-state Current (10 A through 20 A)
Figure E6.14 Maximum Allowable Case Temperature versus
Average On-state Current (25 A and 35 A)
Figure E6.15 Maximum Allowable Case Temperature versus
Average On-state Current (40 A through 70 A)
Figure E6.16 Maximum Allowable Case Temperature versus
Average On-state Current (55 A and 65 A)
Figure E6.17 Normalized dc Holding Current versus Case Temperature
Figure E6.18 Normalized DC Gate-Trigger Current versus
Case Temperature
024
6
8
10
12
14
50
60
70
80
90
100
110
120
130
Average On-state Current [I
T(AV)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measured
as shown on dimensional drawings
20 A TO-220
(Isolated)
15 A TO-220
(Isolated)
10 A TO-220
(Non-isolated)
16 A
TO-220
(Non-isolated)
and
TO-263
0
.4
8
12
16
20
24
50
60
70
80
90
100
110
120
130
Average On-state Current [IT(AV)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawings
35 A TO-218 (Isolated)
25A TO-220 (Non-isolated)
and TO-263
25A TO-220 (Isolated)
0
1020304050
50
60
70
80
90
100
110
120
130
Average On-state Current [I
T(AV)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawings
70 A TO-218X
(Non-isolated)
40 A TO-220
(Non-isolated)
and TO-263
55 A TO-218X
(Non-isolated)
65 A TO-218X
(Isolated)
0
1020304050
50
60
70
80
90
100
110
120
130
Average On-state Current [I
T(AV)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure
as shown on dimensional drawings
55 A TO-218AC (Non-isolated)
*
* The R, K, or M package
rating is intended only for high
surge condition use and is not
recommended for >32 A (AV)
continuous current use since narrow
pin lead temperature can exceed PCB
solder melting temperature. J or W
packages are recommended for >32 A
(AV) continuous current requirements.
55 A TO-220
(Non-isolated)
and TO-263
*
65 A TO-218AC
(Isolated) *
-40
-15
+25
+65
+105 +125
0
.5
1.0
1.5
2.0
Case Temperature (TC) – ˚C
INITIAL ON-STATE CURRENT =
200 mA dc for 1 A to 20 A Devices
and 400 mA dc for 25 A to 70 A Devices
-40
-15
+25
+65
+105 +125
0
0.5
1.0
1.5
2.0
Case Temperature (T
C) – ˚C


Similar Part No. - S4008L

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S4008L TECCOR-S4008L Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S4008L LITTELFUSE-S4008L Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
S4008L LITTELFUSE-S4008L Datasheet
218Kb / 12P
   RoHS Compliant
logo
List of Unclassifed Man...
S4008L ETC2-S4008L Datasheet
218Kb / 12P
   RoHS Compliant
logo
Inchange Semiconductor ...
S4008L ISC-S4008L Datasheet
192Kb / 1P
   isc Thyristors
More results

Similar Description - S4008L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
Teccor Electronics
S031E TECCOR-S031E Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
logo
Microsemi Corporation
AA100 MICROSEMI-AA100 Datasheet
128Kb / 3P
   SCRs .5 A, Planar
logo
STMicroelectronics
TN2540 STMICROELECTRONICS-TN2540 Datasheet
208Kb / 11P
   Standard 25 A SCRs
August 2014 Rev 9
P0109AL-5AA4 STMICROELECTRONICS-P0109AL-5AA4 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
TXN625RG STMICROELECTRONICS-TXN625RG Datasheet
116Kb / 10P
   Standard 25 A SCRs
TN1625 STMICROELECTRONICS-TN1625 Datasheet
108Kb / 9P
   16 A standard SCRs
logo
List of Unclassifed Man...
TXN625RG ETC2-TXN625RG Datasheet
116Kb / 10P
   Standard 25 A SCRs
logo
STMicroelectronics
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
   Sensitive high immunity SCRs up to 0.8 A
Rev 1 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com