Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1011A Datasheet(PDF) 2 Page - Littelfuse

Part # SL1011A
Description  Gas Discharge Tubes - High Performance Beta Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1011A Datasheet(HTML) 2 Page - Littelfuse

  SL1011A Datasheet HTML 1Page - Littelfuse SL1011A Datasheet HTML 2Page - Littelfuse SL1011A Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
330
www .littelfuse .com
Gas Discharge Tubes
Greentube™ SL1011A Series Gas Plasma Arresters
High Performance Beta Range
Notes:
(1) 10 shots, 8/20µs waveform.
(2) 10 shots, A.C. 60 Hz, 1 sec duration.
LITTELFUSE 2 TERMINAL ARRESTER SERIES
TOTALLY NON-RADIOACTIVE, UL RECOGNIZED
DC Voltage
@ 100V/sec
(V)
75
90
145
150
230
250
260
350
400
470
500
600
Max
Repetitive
Impulse
Discharge
Current1
(kA)
5
5
5
5
5
5
5
5
5
5
5
5
Max Single
Impulse
Discharge
Current
8/20µs
(kA)
20
20
20
20
20
20
20
20
20
20
20
20
Max Single
Impulse
Discharge
Current
10/350µs
(kA)
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
Alternating
Discharge
Current
(A)
5
5
5
5
5
5
5
5
5
5
5
5
®
Pb
RoHS
Max
Dynamic
Breakover
Voltage @
100V/µs2
(V)
500
500
500
500
375
400
420
500
600
650
700
800
DC
Breakover
Voltage
Min-Max
(V)
60-90
70-120
116-174
120-180
184-276
200-300
210-310
280-420
320-480
376-564
400-500
480-720
Part Number
SL1011A075
SL1011A090
SL1011A145
SL1011A150
SL1011A230
SL1011A250
SL1011A260
SL1011A350
SL1011A400
SL1011A470
SL1011A500
SL1011A600


Similar Part No. - SL1011A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1011A075 LITTELFUSE-SL1011A075 Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
SL1011A075 LITTELFUSE-SL1011A075 Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
SL1011A075A LITTELFUSE-SL1011A075A Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
SL1011A090 LITTELFUSE-SL1011A090 Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
SL1011A090 LITTELFUSE-SL1011A090 Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
More results

Similar Description - SL1011A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1002A090 LITTELFUSE-SL1002A090 Datasheet
217Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
HV275A LITTELFUSE-HV275A Datasheet
80Kb / 2P
   Gas Discharge Tubes - High Performance Beta Range
SL1021A LITTELFUSE-SL1021A Datasheet
272Kb / 4P
   Gas Discharge Tubes - High Performance Beta Range
SL1122A LITTELFUSE-SL1122A Datasheet
99Kb / 2P
   Gas Discharge Tubes - High Performance Alpha Range
SL1024B LITTELFUSE-SL1024B Datasheet
202Kb / 3P
   Gas Discharge Tubes - Omega Range
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com