Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5272B-5 Datasheet(PDF) 10 Page - SamHop Microelectronics Corp.

Part # SM5272B-5
Description  3 RF DECODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5272B-5 Datasheet(HTML) 10 Page - SamHop Microelectronics Corp.

Back Button SM5272B-5 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5272B-5 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5272B-5 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5272B-5 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5272B-5 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM5272B-5 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM5272B-5 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM5272B-5 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM5272B-5 Datasheet HTML 12Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Page 10
DC ELECTRICAL CHARACTERISTICS
OCT. 26, 2001
Conditions
Unit
Limit
Symbol
Min. Typ. Max.
V
VCC
2.5
9
Vcc = 12 V
OSC stop
A0 ~ A11 open
μA
ISTB
0.02
0.3
IOH
IOL
Parameter
Supply Voltage
Standby Current
Data Output
Driving Current
Data Output
Sinking Current
SM5272B
312 RF DECODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司
Vcc = 5V
VOH = 1V
mA
8
Vcc = 9V
VOH = 1.8V
mA
20
Vcc = 5V
VOH = 4V
mA
-3.5
Vcc = 9V
VOH = 7.2V
mA
-7.1


Similar Part No. - SM5272B-5

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
   Rectifier Diodes
logo
AiT Semiconductor Inc.
SM5200A AITSEMI-SM5200A Datasheet
486Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
SeCoS Halbleitertechnol...
SM5200AF SECOS-SM5200AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SM5200AF FS-SM5200AF Datasheet
215Kb / 3P
   5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
logo
AiT Semiconductor Inc.
SM5200AF AITSEMI-SM5200AF Datasheet
416Kb / 5P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
More results

Similar Description - SM5272B-5

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM5038RF SAMHOP-SM5038RF Datasheet
40Kb / 8P
   RF DECODER
logo
ELAN Microelectronics C...
EKK6111 EMC-EKK6111 Datasheet
236Kb / 26P
   RF Keyboard Decoder
logo
rfsolutions.ltd
HIRK-315 RFSOLUTIONS-HIRK-315 Datasheet
172Kb / 10P
   RF RECEIVER DECODER HYBRID
AM-HIRK RFSOLUTIONS-AM-HIRK Datasheet
55Kb / 4P
   RF RECEIVER DECODER HYBRID.
logo
THOR communications
H-IRD-V3 THOR-H-IRD-V3 Datasheet
640Kb / 1P
   Decoder for ASI, IP, RF
logo
rfsolutions.ltd
RF600D RFSOLUTIONS-RF600D Datasheet
430Kb / 24P
   RF / IR Encoder / Decoder Chipset RF Evaluation Boards
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A_06 Datasheet
103Kb / 7P
   3?뭪o?? Line Decoder
January, 2006 ??Rev. 3
logo
List of Unclassifed Man...
SD7062 ETC1-SD7062 Datasheet
3Mb / 9P
   3-STATE ENCODER / DECODER
logo
Toshiba Semiconductor
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
   3-to-8 Line Decoder
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
   3-to-8 Line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com