Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA10A Datasheet(PDF) 2 Page - Littelfuse

Part # SA10A
Description  Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SA10A Datasheet(HTML) 2 Page - Littelfuse

  SA10A Datasheet HTML 1Page - Littelfuse SA10A Datasheet HTML 2Page - Littelfuse SA10A Datasheet HTML 3Page - Littelfuse SA10A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silicon Avalanche Diodes
287
www .littelfuse .com
6
®
Breakdown
Voltage
VBR (Volts) @ IT
Maximum
Reverse
Leakage
IR @ VR
(µA)
Maximum
Clamping
Voltage
VC @ IPP
(Volts)
Maximum
Peak Pulse
Current
IPP
(A)
ELECTRICAL SPECIFICATION @ Tamb 25°C
SA5.0A
SA5.0CA
5.0
6.40
7.00
10
9.2
55.4
600
SA6.0A
SA6.0CA
6.0
6.67
7.37
10
10.3
49.5
600
SA6.5A
SA6.5CA
6.5
7.22
7.98
10
11.2
45.5
400
SA7.0A
SA7.0CA
7.0
7.78
8.60
10
12.0
42.5
150
SA7.5A
SA7.5CA
7.5
8.33
9.21
1
12.9
39.5
50
SA8.0A
SA8.0CA
8.0
8.89
9.83
1
13.6
37.5
25
SA8.5A
SA8.5CA
8.5
9.44
10.40
1
14.4
35.4
10
SA9.0A
SA9.0CA
9.0
10.00
11.10
1
15.4
33.1
5
SA10A
SA10CA
10.0
11.10
12.30
1
17.0
30.0
3
SA11A
SA11CA
11.0
12.20
13.50
1
18.2
28.0
3
SA12A
SA12CA
12.0
13.30
14.70
1
19.9
25.6
3
SA13A
SA13CA
13.0
14.40
15.90
1
21.5
23.7
3
SA14A
SA14CA
14.0
15.60
17.20
1
23.2
22.0
3
SA15A
SA15CA
15.0
16.70
18.50
1
24.4
20.9
3
SA16A
SA16CA
16.0
17.80
19.70
1
26.0
19.6
3
SA17A
SA17CA
17.0
18.90
20.90
1
27.6
18.5
3
SA18A
SA18CA
18.0
20.00
22.10
1
29.2
17.5
3
SA20A
SA20CA
20.0
22.20
24.50
1
32.4
15.7
3
SA22A
SA22CA
22.0
24.40
26.90
1
35.5
14.4
3
SA24A
SA24CA
24.0
26.70
29.50
1
38.9
13.1
3
SA26A
SA26CA
26.0
28.90
31.90
1
42.1
12.1
3
SA28A
SA28CA
28.0
31.10
34.40
1
45.4
11.2
3
SA30A
SA30CA
30.0
33.30
36.80
1
48.4
10.5
3
SA33A
SA33CA
33.0
36.70
40.60
1
53.3
9.6
3
SA36A
SA36CA
36.0
40.00
44.20
1
58.1
8.8
3
SA40A
SA40CA
40.0
44.40
49.10
1
64.5
7.9
3
SA43A
SA43CA
43.0
47.80
52.80
1
69.4
7.3
3
SA45A
SA45CA
45.0
50.00
55.30
1
72.7
7.0
3
SA48A
SA48CA
48.0
53.30
58.90
1
77.4
6.6
3
SA51A
SA51CA
51.0
56.70
62.70
1
82.4
6.2
3
SA54A
SA54CA
54.0
60.00
66.30
1
87.1
5.9
3
SA58A
SA58CA
58.0
64.40
71.20
1
93.6
5.4
3
SA60A
SA60CA
60.0
66.70
73.70
1
96.8
5.3
3
SA64A
SA64CA
64.0
71.10
78.60
1
103.0
5.0
3
SA70A
SA70CA
70.0
77.80
86.00
1
113.0
4.5
3
SA75A
SA75CA
75.0
83.30
92.10
1
121.0
4.2
3
SA78A
SA78CA
78.0
86.70
95.80
1
126.0
4.0
3
SA85A
SA85CA
85.0
94.40
104.00
1
137.0
3.7
3
SA90A
SA90CA
90.0
100.00
111.00
1
146.0
3.5
3
SA100A
SA100CA
100.0
111.00
123.00
1
162.0
3.1
3
SA110A
SA110CA
110.0
122.00
135.00
1
177.0
2.9
3
SA120A
SA120CA
120.0
133.00
147.00
1
193.0
2.6
3
SA130A
SA130CA
130.0
144.00
159.00
1
209.0
2.4
3
SA150A
SA150CA
150.0
167.00
185.00
1
243.0
2.1
3
SA160A
SA160CA
160.0
178.00
197.00
1
259.0
2.0
3
SA170A
SA170CA
170.0
189.00
209.00
1
275.0
1.9
3
SA180A
SA180CA
180.0
200.00
233.00
1
289.0
1.7
3
Reverse
Stand off
Voltage
VR
(Volts)
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
Test
Current
IT (mA)
MIN
MAX
Part
Numbers
Uni-Polar
Bi-Polar
SA Series
RoHS
500 Watt Axial Leaded Transient Voltage Suppressors


Similar Part No. - SA10A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SA10A LUGUANG-SA10A Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Motorola, Inc
SA10A MOTOROLA-SA10A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Shanghai Leiditech Elec...
SA10A LEIDITECH-SA10A Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
logo
Vishay Siliconix
SA10A VISHAY-SA10A Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Taiwan Semiconductor Co...
SA10A TSC-SA10A Datasheet
105Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - SA10A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
1N56 LITTELFUSE-1N56 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
5KP5.0A LITTELFUSE-5KP5.0A Datasheet
158Kb / 4P
   Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
15KP LITTELFUSE-15KP Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
SLD16U-017 LITTELFUSE-SLD16U-017 Datasheet
104Kb / 2P
   Silicon Avalanche Diodes - Axial Leaded High Power Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
BZW04P6V8 SUNMATE-BZW04P6V8 Datasheet
509Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com