Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1G02 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74VHC1G02
Description  SINGLE 2-INPUT NOR GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G02 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHC1G02 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G02 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G02 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G02 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G02 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G02 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G02 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G02 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 2
1
Publication Order Number:
MC74VHC1G02/D
MC74VHC1G02
2-Input NOR Gate
The MC74VHC1G02 is an advanced high speed CMOS 2–input
NOR gate fabricated with silicon gate CMOS technology. It achieves
high speed operation similar to equivalent Bipolar Schottky TTL
while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output.
The MC74VHC1G02 input structure provides protection when
voltages up to 7V are applied, regardless of the supply voltage. This
allows the MC74VHC1G02 to be used to interface 5V circuits to 3V
circuits.
High Speed: tPD = 3.0ns (Typ) at VCC = 5V
Low Power Dissipation: ICC = 2µA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300mA
ESD Performance: HBM > 2000V; MM > 200V, CDM > 1500V
Figure 1. 5–Lead SOT–353 Pinout (Top View)
5
1
2
4
3
VCC
IN B
IN A
OUT Y
GND
LOGIC SYMBOL
IN A
IN B
OUT Y
≥ 1
SC–88A / SOT–353
DF SUFFIX
CASE 419A
PIN ASSIGNMENT
1
2
3
GND
IN B
IN A
http://onsemi.com
Pin 1
d = Date Code
V3d
4
5
VCC
OUT Y
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
H
L
L
L
Y
MARKING DIAGRAM
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC74VHC1G02

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MC74VHC1G02 LRC-MC74VHC1G02 Datasheet
200Kb / 4P
   2-Input NOR Gate
logo
E-Tech Electronics LTD
MC74VHC1G02 ETL-MC74VHC1G02 Datasheet
578Kb / 4P
   2-Input NOR Gate
logo
ON Semiconductor
MC74VHC1G02 ONSEMI-MC74VHC1G02 Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
MC74VHC1G02 ONSEMI-MC74VHC1G02 Datasheet
79Kb / 6P
   Single 2-Input NOR Gate
April, 2016 ??Rev. 18
MC74VHC1G02 ONSEMI-MC74VHC1G02 Datasheet
206Kb / 14P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 19
More results

Similar Description - MC74VHC1G02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
logo
Rohm
BU4S01 ROHM-BU4S01 Datasheet
39Kb / 4P
   Single 2-input NOR gate
logo
ON Semiconductor
NL17SG02 ONSEMI-NL17SG02 Datasheet
93Kb / 9P
   Single 2-Input NOR Gate
November, 2014 ??Rev. 6
MC74VHC1G02 ONSEMI-MC74VHC1G02_V01 Datasheet
183Kb / 14P
   Single 2-Input NOR Gate
March, 2022 ??Rev. 22
logo
Nexperia B.V. All right...
74LVC1G02-Q100 NEXPERIA-74LVC1G02-Q100 Datasheet
204Kb / 11P
   Single 2-input NOR gate
logo
Unisonic Technologies
U74AUC1G02 UTC-U74AUC1G02_15 Datasheet
187Kb / 5P
   SINGLE 2-INPUT NOR GATE
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_15 Datasheet
1Mb / 16P
   Single 2-Input NOR Gate
logo
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_18 Datasheet
171Kb / 9P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 10
MC74HC1G02 ONSEMI-MC74HC1G02_V01 Datasheet
290Kb / 10P
   Single 2-Input NOR Gate
March, 2022?뭃ev. 12
logo
NXP Semiconductors
74LVC1G02 PHILIPS-74LVC1G02 Datasheet
85Kb / 14P
   Single 2-input NOR gate
2004 Sep 07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com