Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGT2300SBT Datasheet(PDF) 8 Page - Littelfuse

Part # SGT2300SBT
Description  Silicon Protection Circuits - Surface Mount SurgectorTM Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SGT2300SBT Datasheet(HTML) 8 Page - Littelfuse

  SGT2300SBT Datasheet HTML 1Page - Littelfuse SGT2300SBT Datasheet HTML 2Page - Littelfuse SGT2300SBT Datasheet HTML 3Page - Littelfuse SGT2300SBT Datasheet HTML 4Page - Littelfuse SGT2300SBT Datasheet HTML 5Page - Littelfuse SGT2300SBT Datasheet HTML 6Page - Littelfuse SGT2300SBT Datasheet HTML 7Page - Littelfuse SGT2300SBT Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Surgector Thyristors For Telecom Protection
Silicon Protection Circuits
Surface Mount Surgector
TM Transient Voltage Suppressors
243
www .littelfuse .com
5
Branding Layout
Mechanical Outline Dimensions and
Recommended Solder Pad Layout
Soldering Recommendations
Surface Mount Surgectors may be soldered with wave or reflow methods,
and are compatible with common industry time-temperature profiles that
include a preheat stage. When hand soldering, a 30W iron with a 1mm
tip is recommended. The temperature should not exceed 300oC or a
maximum 5 second duration.
SC
2300 92
Littelfuse
SURGECTOR
PEAK SURGE
4-DIGIT P/N REFERENCE
SGT2300SC (TOP VIEW - NOT TO SCALE)
CURRENT INDICATOR
2-DIGIT DATE CODE (YR/MTH)
F
L
1.78
2.29
1.78
0.1
± 0.1
2.29
1.0
± 0.3
1.0
± 0.3
2.0
± 0.1
3.75
± 0.3
5.1
± 0.3
0.1
± 0.1
0.45
2.0 (MAX)
SOLDERING PAD
DIMENSION: mm
Previous


Similar Part No. - SGT2300SBT

ManufacturerPart #DatasheetDescription
logo
GE Solid State
SGT23U13 GESS-SGT23U13 Datasheet
81Kb / 3P
   Unidirectional Transient
More results

Similar Description - SGT2300SBT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SM5Z10A LUGUANG-SM5Z10A Datasheet
4Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
SM5Z LUGUANG-SM5Z Datasheet
4Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
SM8S LUGUANG-SM8S Datasheet
6Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
SM8Z LUGUANG-SM8Z Datasheet
5Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
Anova Technologies CO.,...
SM8Z ANOVA-SM8Z Datasheet
824Kb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
Central Semiconductor C...
CMATVS3V3 CENTRAL-CMATVS3V3 Datasheet
725Kb / 4P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com