Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXG1173UR Datasheet(PDF) 5 Page - Sony Corporation

Part # CXG1173UR
Description  High Power SPDT Switch with Logic Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1173UR Datasheet(HTML) 5 Page - Sony Corporation

  CXG1173UR Datasheet HTML 1Page - Sony Corporation CXG1173UR Datasheet HTML 2Page - Sony Corporation CXG1173UR Datasheet HTML 3Page - Sony Corporation CXG1173UR Datasheet HTML 4Page - Sony Corporation CXG1173UR Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
– 5 –
CXG1173UR
Sony Corporation
Package Outline
Unit: mm
PIN 1 INDEX
C
0.1
S
A-B
0.4
0.05 M
S
C
C
A-B
S
0.05
S
+ 0.09
12PIN UQFN
PLASTIC
0.25 – 0.03
+ 0.09
0.14 – 0.03
x 4
2.0
4
1
3
9
7
6
12
10
S
0.4 ± 0.1
0.6
0.55 ± 0.05
4-R0.2
A
B
0.25
0.07
0.18
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
EPOXY RESIN
SOLDER PLATING
COPPER ALLOY
0.01g
PACKAGE STRUCTURE
UQFN-12P-01
PACKAGE MASS
TERMINAL SECTION
Note:Cutting burr of lead are 0.05mm MAX.
Solder Plating
LEAD PLATING SPECIFICATIONS
ITEM
LEAD MATERIAL
COPPER ALLOY
SOLDER COMPOSITION
Sn-Bi Bi:1-4wt%
PLATING THICKNESS
5-18
µm
SPEC.


Similar Part No. - CXG1173UR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1172UR SONY-CXG1172UR Datasheet
46Kb / 5P
   JPHEMT High Power DPDT Switch with Logic Control
CXG1174UR SONY-CXG1174UR Datasheet
50Kb / 6P
   High Power SP3T Switch with Logic Control
CXG1176UR SONY-CXG1176UR Datasheet
43Kb / 4P
   High Power DPDT Switch with Logic Control
CXG1178K SONY-CXG1178K Datasheet
75Kb / 6P
   POWER AMPLIFIER MODULE FOR JCDMA
More results

Similar Description - CXG1173UR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1134EN SONY-CXG1134EN Datasheet
43Kb / 4P
   High Power SPDT Switch with Logic Control
CXG1134AEN SONY-CXG1134AEN Datasheet
120Kb / 4P
   High Power SPDT Switch with Logic Control
CXG1104TN SONY-CXG1104TN Datasheet
59Kb / 4P
   High Power SPDT Switch with Logic Control
CXG1039TN SONY-CXG1039TN Datasheet
57Kb / 5P
   High Isolation Absorptive SPDT Switch MMIC with Integrated Control Logic
CXG1174UR SONY-CXG1174UR Datasheet
50Kb / 6P
   High Power SP3T Switch with Logic Control
CXG1144AEN SONY-CXG1144AEN Datasheet
66Kb / 7P
   High Power DPDT Switch with Logic Control
CXG1188UR SONY-CXG1188UR Datasheet
75Kb / 4P
   High Power DPDT Switch with Logic Control
CXG1176UR SONY-CXG1176UR Datasheet
43Kb / 4P
   High Power DPDT Switch with Logic Control
CXG1215UR SONY-CXG1215UR Datasheet
141Kb / 4P
   High Power DP3T Switch with Logic Control
CXG1210UR SONY-CXG1210UR Datasheet
82Kb / 5P
   High Power 3P3T Switch with Logic Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com